Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRT2S-C Datasheet(PDF) 92 Page - PANDUIT CORP.

Part # PRT2S-C
Description  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PRT2S-C Datasheet(HTML) 92 Page - PANDUIT CORP.

Back Button PRT2S-C Datasheet HTML 88Page - PANDUIT CORP. PRT2S-C Datasheet HTML 89Page - PANDUIT CORP. PRT2S-C Datasheet HTML 90Page - PANDUIT CORP. PRT2S-C Datasheet HTML 91Page - PANDUIT CORP. PRT2S-C Datasheet HTML 92Page - PANDUIT CORP. PRT2S-C Datasheet HTML 93Page - PANDUIT CORP. PRT2S-C Datasheet HTML 94Page - PANDUIT CORP. PRT2S-C Datasheet HTML 95Page - PANDUIT CORP. PRT2S-C Datasheet HTML 96Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 192 page
background image
92
Most commonly used parts appear in BOLD.
Cable Tie Mounts
Part Number‡
Used
With
Cable
Ties**
Dimensions
in. (mm)
Material
Color
Where
Used
Mounting
Method
Packaging*
ABC
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
AM2-C
M, I, S
1.22
(31.2)
1.22
(31.2)
.125
(3.2)
Nylon 6.6
Natural
Indoors
User
Supplied
Adhesive
100
500
1000
5000
Tie Mounts — Applied with User Supplied Adhesives
Apply cyanoacrylic or another type adhesive to mount surface. Any adhesive selected should be
user-tested to assure suitability for the actual application. Mounts should be installed on a clean,
dry and grease-free surface. Bond strength depends on adhesive used.
Low Profile Mount — AM2
Low profile design keeps bundle close to mounting surface
where overhead space is limited.
TM1A, TM2A, TM3A
Solid flat bottom surface provides maximum adhesive area.
Part Number‡
Used
With
Cable
Ties**
Dimensions
in. (mm)
Material
Color
Where
Used
Mounting
Method
Packaging*
ABC
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
TM1A-C
M.513
(13.0)
.316
(8.0)
.230
(5.8)
Nylon 6.6
Natural
Indoors
User
Supplied
Adhesive
100
1000
1000
10000
TM2A-C
M, I, S
.630
(16.0)
.425
(10.8)
.275
(7.0)
100
500
1000
5000
TM3A-C
M, I, S, HS,
LH
.875
(22.2)
.620
(15.8)
.375
(9.5)
100
500
1000
5000
B
A
C
A
A
C
A
B
SECTION A-A
*Order the number of mounts required in multiples of package quantities.
‡Part Numbers listed are for Standard Materials in Standard Package Quantity. For Bulk package part number s, see page 137-138.
*Cable Tie Cross Section Sizes: M = Miniature, I = Intermediate, S = Standard, HS = Heavy Standard and LH = Light-Heavy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com