Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMIS-710201 Datasheet(PDF) 2 Page - AMI SEMICONDUCTOR

Part # AMIS-710201
Description  200dpi CIS Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710201 Datasheet(HTML) 2 Page - AMI SEMICONDUCTOR

  AMIS-710201 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710201 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710201 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710201 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710201 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710201 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710201 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AMIS-710201: 200dpi CIS Module
Data Sheet
Illumination is by means of an integrated LED light source. All components are housed in a small plastic housing which has a cover
glass which acts as the focal point for the object being scanned and protects the imaging array, micro lens assembly and LED light
source from dust. I/O to the module is the 10-pin connector located on one end of the module. The cross section of the AMIS-710201 is
shown in Figure 1 and the block diagram in Figure 2.
Figure 2: AMIS-710201 Module Block Diagram
4.0 Absolute Maximum Rating
Table 1: Absolute Maximum Rating
Parameter
Symbols
Maximum Rating
Units
Vdd
10
V
Idd
40
mA
Vn
-15
V
In
10
mA
VLED
5.25
V
Power supply voltage
ILED
650
ma
Input clock pulse (high level)
Vih
Vdd – 0.5V
V
Input clock pulse (low level)
Vil
-0.8
V
2
AMI Semiconductor – May 06, M-20539-001
www.amis.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com