Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMIS-710201 Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # AMIS-710201
Description  200dpi CIS Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710201 Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  AMIS-710201 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710201 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710201 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710201 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710201 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710201 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710201 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AMIS-710201: 200dpi CIS Module
Data Sheet
5.0 Recommended Operating Conditions (25°C)
Table 2: Recommended Operating Conditions (25
°C)
Item
Symbol
Min.
Typical
Max.
Units
Vdd
4.5
5.0
5.5
V
Vn.
-4.5
-5
-12
V
VLED
5
V
Idd
11
30
ma
Ivn
6.0
10.0
ma
Power supply
ILED
350
550
ma
Input voltage at digital high
Vih
Vdd-1.0
Vdd-.5
Vdd
V
Input voltage at digital low
Vil
0
0.8
V
Clock frequency
f
1.0
(1)
MHz
Clock pulse high duty cycle
25
%
Clock pulse high duration
250
ns
Integration time
Tint
1.728
10.0
ms
Operating temperature
Top
25
50
°C
Note:
1.
The module will produce video above 1.5MHz, but with adjacent pixel smearing. Hence, with signal degradation it can be used above 1.5MHz.
Table 3: Operating Environment
Parameter
Symbols
Maximum Rating
Units
Operating temperature
Top
0 to 50
°C
Operating humidity
Hop
10 to 85
%
Storage temperature
Tstg
-25 to+75
°C
Storage humidity
Hstg
10 to 90
%
6.0 Electro-Optical Characteristics (25
oC)
Table 4: Electro-Optical Characteristics (25°C)
Parameter
Symbol
Parameter
Units
Note
Number of photo detectors
1728
Elements
Pixel-to-pixel spacing
125
µm
Line scanning rate
Tint
(1)
1.728
ms
@ 1.0MHz clock
frequency
Clock frequency
(2)
1.0
MHz
Bright output voltage
(3)
0.6
Volts
Bright output non-uniformity
(4)
<+/-30
%
Adjacent pixel non-uniformity
(5)
<25
%
Dark non-uniformity
(6)
<200
mV
Dark output voltage
(6)
<200
mV
Modulation transfer function
(7)
>30
%
Definitions:
1.
Tint: line scanning rate or integration time. Tint is determined by the interval of two start pulse (SP).
2.
f: main clock frequency.
3.
Vpavg =
∑ Vp(n)/1728
4.
Up = [(Vpmax - Vp) / Vp] x 100% or [(Vp - Vpmin) / Vp] x 100%.
5.
Upadj = MAX[ | (Vp(n) - Vp(n+l) | / Vp(n)] x 100% Upadj is the nonuniformity percentage pixel-to-pixel.
6.
Ud = Vdmax – Vdmin
Vdmin is the minimum output on a black document(O.D.=0.8).
Vdmax: maximum output voltage of black document (O.D.= 0.8).
7.
MTF = [(Vmax - Vmin) / (Vmax + Vmin)] x 100 [%] Vmax: maximum output voltage at 4.0lp/mm Vmin: minimum output voltage at 4.0lp/mm.
8.
lp / mm: line pair per mm.
9.
O.D. Optical Density
3
AMI Semiconductor – May 06, M-20539-001
www.amis.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com