Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMIS-710201 Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # AMIS-710201
Description  200dpi CIS Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710201 Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  AMIS-710201 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710201 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710201 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710201 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710201 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710201 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710201 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AMIS-710201: 200dpi CIS Module
Data Sheet
Table 6: Pin Configurations
Pin Number
Symbol
Names and Functions
1
Vout
Analog video output
2
Gnd
Ground; 0V
3
Vdd (+5V)
y
Positive power suppl
4
Vn
)
(-5V to –12V
Negative power supply
5
Gnd
Ground; 0V
6
SP
Shift register start pulse
7
Gnd
Ground; 0V
8
CP
Sampling clock pulse
9
GLED
urce; 0V
Ground for the light so
10
VLED
Supply for the light source
5
AMI Semiconductor – May 06, M-20539-001
www.amis.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com