Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMIS-710205 Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # AMIS-710205
Description  200dpi CIS Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710205 Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  AMIS-710205 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AMIS-710205-A4/AMIS-710206-A4: 200dpi CIS Modules
Data Sheet
4.0 I/O Designation
I/O to the module is a 12-pin connector located on one end of the module (see Figure 5). Table 1 lists the pin numbers and their
designations for the I/O connector. It is an ECE manufacturer EBW-PK23-P012L2-3Z connector.
Table 1: Pin Configuration
Pin Number
Symbol
Names and Functions
1
VOUT1
Analog video output 1
2
VOUT2
Analog video output 2
3
GND
Ground; 0V
4
VOUT3
Analog video output 3
5
VOUT4
Analog video output 4
6
Vdd
Positive power supply
7
SP (START)
Shift register start pulse
8
GND
Ground; 0V
9
CP (CLOCK)
Sampling clock pulse
10
Vn
Negative power supply
11
GLED
Ground for the light source; 0V
12
VLED
Supply for the light source
5.0 Module vs. LED Light Source
Table 2 lists the module's model and its corresponding LED light source.
Table 2: Module vs. LED Light Source
Module
LED Light Source
AMIS-710205-A4
880nm IR SMD LED bar
AMIS-710206-A4
630nm Red SMD LED bar
6.0 Absolute Maximum Rating
Table 3 shows the absolute maximum ratings. The parameters are common to all the modules. Table 4 shows the absolute maximum
ratings that are different among the three modules.
Table 3: Electrical Absolute Maximum Rating
Parameter
Symbols
Maximum Rating
Units
Vdd
7
V
Idd
100
ma
Vn
-15
V
Power supply
In
35
ma
Input clock pulse (high level)
Vih
Vdd – 0.5V
V
Input clock pulse (low level)
Vil
-0.5
V
Note: These parameters are absolute maximums. Do not operate under these conditions.
Table 4: LED Power Absolute Maximum Rating
Parameter
Symbols
Maximum Rating
Units
Module
AMIS-710205-A4
AMIS-710206-A4
VLED
6.0
6.0
V
Power supply: LED light source
ILED
0.6
0.6
A
Note: These parameters are absolute maximums. Do not operate under these conditions.
3
AMI Semiconductor – Aug. 06, M-20608-001
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com