Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMIS-710205 Datasheet(PDF) 6 Page - AMI SEMICONDUCTOR

Part # AMIS-710205
Description  200dpi CIS Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710205 Datasheet(HTML) 6 Page - AMI SEMICONDUCTOR

  AMIS-710205 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AMIS-710205-A4/AMIS-710206-A4: 200dpi CIS Modules
Data Sheet
10.0 Operating Conditions (25
°C)
Table 8: Recommended Operating Conditions (25
°C)
Item
Symbol
Min.
Typ.
Max.
Units
Vdd (positive)
4.5
5.0
5.5
V
Vn (negative)
-10
-5
-4.0
V
Idd (positive)
60
66
75
ma
Power supply
In (negative)
(1)
20
20
20
ma
Input voltage at digital high
Vih
Vdd-1.0
Vdd-0.5
Vdd
V
Input voltage at digital low
Vil
0
0.6
V
Clock frequency
Fclk
0.2
(2)
5.5
(3)
MHz
Clock pulse high duty cycle
25
%
Clock pulse high duration
45.5
50
ns
Integration time
Tint
82
150
µs
Operating temperature
(4)
Top
25
50
°C
AMIS-710205-A4
Parameter
Min.
Typ.
Max.
VLED
5.0
5.5
V
ILED
480
550
ma
AMIS-710206-A4
Min.
Typ.
Max.
VLED
5.0
5.5
V
ILED
480
550
ma
Notes:
(1)
Current is essential constant current with supply voltage.
(2)
This is determined by the longest tolerable integration time. Because of leakage current build up, the integration time is recommended to be no greater than 10ms.
(3)
The maximum call out is for the modules' electrical speed. The light source still dictates the highest speed performance.
(4)
This specification is a standard used by the CIS makers for the fax industry.
6
AMI Semiconductor – Aug. 06, M-20608-001
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com