Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMIS-710205 Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # AMIS-710205
Description  200dpi CIS Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710205 Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  AMIS-710205 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-710205 Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AMIS-710205-A4/AMIS-710206-A4: 200dpi CIS Modules
Data Sheet
9.0 Reset Level and Video Sampling Time
Figure 3: Video Pixel Definition
Figure 3 graphically shows the video signal waveform and defines the single video pixel structure. The signal output waveform is shown
relative to the input clock waveform, as well as the symbols and terminologies used to define the performance specifications. Figure 3
explains the terminology used to characterize the dark signal levels and the recommended video pixel sampling times.
Note 6, under Table 7, specifies the dark level (DL). This is the level seen during the dark read out; for example, either the module sits
on a black target or the light source is turned off. It is measured from ground or 0V. The reset level is a reference level for the reset
switch, which is not necessarily on ground because after the reset occurs, the signal is passed through an amplifier. The difference
between the dark level and the reset level is called the pedestal (PED). In most cases, the offset control of the amplifier is used to
adjust the dark level to 0V or ground. Hence, the reset level will sit below ground.
The video pixels demonstrated in this graph emanate from an ideal CIS module with a phototransistor imaging structure. The video
output at high speeds, such as 5.0MHz, does not instantly rise to its final value, although given enough time; it would asymptotically
approach its steady state value. But, at high speeds it is impractical to wait for the final stable value. Accordingly, as Figure 3 indicates,
the output signal continues to rise towards its steady state value. Consistent with the forgoing comments, under Table 7, instead of the
conventional signal sampling time, tst is defined to substitute the conventional settling time definition. This definition is used because
the output signal continues to rise asymptotically to the final stable value but not within a practical time in high speed applications. This
is true even when the video rises to its peak value, Vp, defined in the algorithm used in the measurements described by the following
equation:
MTF={[Vp(n)+Vp(n+1)]/2-[Vp(n+2)+Vp(n+3)]/2}/{[Vp(n)+Vp(n+1)]/2+[Vp(n+2)+Vp(n+3)]/2}
Where n is 1, 2, .....1728
th, Vp(n) is the signal amplitude of the nth pixel.
5
AMI Semiconductor – Aug. 06, M-20608-001
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com