Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMIS-710207 Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # AMIS-710207
Description  200dpi CIS Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710207 Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  AMIS-710207 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AMIS-710207-A4: 200dpi CIS Module
Data Sheet
4.0 Connector Pin Out Designation
Connector is JAE part number 1L-Z-S125L3-E.
Table 1: Pin Out Configuration
Pin Number
Symbol
Names and Functions
1
VOUT
Analog video output
2
GND
Ground; 0V
3
Vdd (+5V)
Positive power supply
4
Vn (-5V to -12V)
Negative power supply
5
GLED RED
Ground for the Red light source; 0V
6
SP
Shift register start pulse
7
GND
Ground; 0V
8
CP
Sampling clock pulse
9
GLED IR
Ground for the IR light source; 0V
10
VLED
Supply for the light source
5.0 Maximum Ratings
Table 2: Maximum Ratings
Parameter
Symbols
Maximum Rating
Units
Vdd
7
V
Idd
80
mA
Vn
-15
V
In
7
mA
VLED IR
5.5
V
VLED RED
5.5
V
ILED IR
500
mA
Power supply voltage
ILED RED
600
mA
Input clock pulse (high level)
Vih
Vdd
V
Input clock pulse (low level)
Vil
-0.5
V
Note: These are the maximum ratings and are not to be used in a prolonged condition.
6.0 Operating Environment
Table 3: Operating Environment
Parameter
Symbol
Range
Units
Operating temperature
Top
0 to +50
°C
Operating humidity
Hop
+10 to +85
%
Storage temperature
Tstg
-25 to +75
°C
Storage humidity
Hstg
+5 to +95
%
3
AMI Semiconductor – May 06, M-20494-001
www.amis.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com