Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMIS-710207 Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # AMIS-710207
Description  200dpi CIS Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710207 Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  AMIS-710207 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AMIS-710207-A4: 200dpi CIS Module
Data Sheet
8.0 Recommended Operating Conditions
The tabled values are measured at 25°C.
Table 5: Recommended Operating Conditions at 25°C
Parameter
Symbol
Min.
Mean
Max.
Units
Vdd
4.5
5.0
5.5
V
Vn.
-4.5
-5
-12
VLED IR
4.5
5
5.5
V
VLED RED
4.5
5
5.5
V
ILED IR
200
300
500
ma
ILED RED
250
350
600
ma
Idd
55
60
70
ma
Power supply
Ivn
4.0
5.0
5.5
ma
Input voltage at digital high
Vih
Vdd-1.0
Vdd-.5
Vdd
V
Input voltage at digital low
Vil
0
0.8
V
Clock frequency
(1)
fclk
5.5
MHz
Clock pulse high duty cycle
25
%
Clock pulse high duration
45.5
ns
Integration time
(1)
Tint
316
10000
µs
Operating temperature
Top
25
50
°C
Note:
1.
Electrically, including the image sensors, the circuits will operate above 5.5MHz with tint at 316µs. However, the light power is fixed, so with the shorter integration
time, the exposure is reduced. This reduction limits the specification call out to integration time of 0.347ms at 5.0MHz for 1.0V output.
9.0 Timing Characteristics
The timing characteristics for the I/O clocks are shown in Figure 3. See the timing symbol definitions in Table 6. The listed values are
measured at ~25
oC.
Figure 3: Timing Diagram
5
AMI Semiconductor – May 06, M-20494-001
www.amis.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com