Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMIS-710207 Datasheet(PDF) 6 Page - AMI SEMICONDUCTOR

Part # AMIS-710207
Description  200dpi CIS Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710207 Datasheet(HTML) 6 Page - AMI SEMICONDUCTOR

  AMIS-710207 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AMIS-710207-A4: 200dpi CIS Module
Data Sheet
Table 6: Timing Symbol Definitions for Figure 3
Parameters
Symbol
Min.
Typ.
Max.
Units
Clock cycle time
to
0.333
5.8
µs
Clock pulse width
tw
82
ns
Clock duty cycle
25
75
%
Prohibit crossing time of Start Pulse
tprh
15
ns
Data setup time
tds
20
ns
Data hold time
tdh
20
ns
Signal delay time
tdl
50
ns
Signal settling time
tsh
120
ns
10.0 AMIS-710207-A4 Module and Its Mechanical Dimensions
This is an overview drawing of the module. A full size drawing is available upon request.
Figure 4: Overall View of the Module Housing
6
AMI Semiconductor – May 06, M-20494-001
www.amis.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com