Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTD5350MBPR Datasheet(PDF) 7 Page - BASIC SEMICONDUCTOR

Part # BTD5350MBPR
Description  Single-Channel Isolated Gate Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD5350MBPR Datasheet(HTML) 7 Page - BASIC SEMICONDUCTOR

Back Button BTD5350MBPR Datasheet HTML 3Page - BASIC SEMICONDUCTOR BTD5350MBPR Datasheet HTML 4Page - BASIC SEMICONDUCTOR BTD5350MBPR Datasheet HTML 5Page - BASIC SEMICONDUCTOR BTD5350MBPR Datasheet HTML 6Page - BASIC SEMICONDUCTOR BTD5350MBPR Datasheet HTML 7Page - BASIC SEMICONDUCTOR BTD5350MBPR Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD5350MBPR Datasheet HTML 9Page - BASIC SEMICONDUCTOR BTD5350MBPR Datasheet HTML 10Page - BASIC SEMICONDUCTOR BTD5350MBPR Datasheet HTML 11Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.basicsemi.com
7/19
Rev.0.3
Single-ChannelIsolatedGateDriver
BTD5350x
SWITCHINGPARAMETERS
tPLH Propagation delay, high
CL=100pF
-
60 75
ns
tPHL Propagation delay, low
CL=100pF
-
60 75
tr Output-signal rise time
CL=1nF
-
10 26
tf Output-signal fall time
CL=1nF
-
10 26
tPWD Pulse width distortion[tPHL-tPLH]
CL=100pF
-
1
20
tsk 2) Part-to-part skew
CL=100pF
-
1
25
tUVLO1-rec Undervoltage lockout
recovery delay time
Input side
VCC1
-
50
-
µs
tUVLO2-rec
Output side
VCC2
-
50
-
CMTI Common-mode transient immunity
INx tied to GND or VCC1, VCM=1500V
150
-
- kV/µs
Note: 1. CL: Load capacitance from output pin OUTx to VEE2 or GND2.
2. tsk is the magnitude of the difference in propagation delay times between the output of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads guaranteed by characterization.
(Continued)
7.6InsulationSpecifications
SYMBOL
PARAMETER
TESTCONDITIONS
MIN TYP MAX UNIT
CLR External Clearance
-
4
-
- mm
CPG External Creepage
-
4
-
-
DTI Distance through the insulation
-
17 -
- µm
CTI Comparative tracking index
DIN EN 60112
600 -
-
V
Overvoltage category per IEC 60664-1 Rated mains voltage≤150Vrms
I-IV -
-
-
Rated mains voltage≤300Vrms
I- III -
-
DINVDEV0884-11
VIORM Maximum repetitive peak isolation voltage AC voltage (bipolar)
990 -
- VPK
VIOWM Maximum isolation working voltage
AC voltage (sine wave); time dependent
dielectric breakdown (TDDB) test
700 -
- Vrms
VIOTM Maximum transient isolation voltage VTEST=VIOTM=VISO, t=60s(qualification);
VTEST=VIOTM=1.2×VISO, t=1s (100% production) 4242 -
- V
PK
VIOSM Maximum surge isolation voltage
Test method per IEC 62368-1, 1.2/50-μs
waveform, VTEST=1.3×VIOSM(qualification)
4242 -
-
qpd Apparent charge
Method a: After I/O safety test subgroup 2/3,
Vini=VIOTM, tini=60s, Vpd(m)=1.2×VIORM, tm=10s
-
-
5
pC
Method a: After environmental tests subgroup 1,
Vini=VIOTM, tini=60s, Vpd(m)=1.2×VIORM, tm=10s
-
-
5
Method b1: At routine test (100% production)
and preconditioning (type test), Vini=1.2×VIOTM,
tini=1s, Vpd(m)=1.5×VIORM, tm=1s
-
-
5
CIO Barrier capacitance, input to output
VIO=0.4×sin(2πft), f=1MHz
- 1.2 - pF
RIO Isolation resistance, input to output
Test voltage of 500V, TA=25℃
1012 -
-
Ω
Test voltage of 500V, 100℃≤TA≤125℃
1011 -
-
Test voltage of 500V, TS=150℃
109 -
-
Pollution degree
-
-
2
-
-
UL1577
VISO Withstand isolation voltage
VTEST=VISO, t=60s(qualification); VTEST=1.2×VISO,
t=1s (100% production)
3000 -
- Vrms
7.6.1SOP-8SafetyParameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com