Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTD5350MBPR Datasheet(PDF) 13 Page - BASIC SEMICONDUCTOR

Part # BTD5350MBPR
Description  Single-Channel Isolated Gate Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD5350MBPR Datasheet(HTML) 13 Page - BASIC SEMICONDUCTOR

Back Button BTD5350MBPR Datasheet HTML 9Page - BASIC SEMICONDUCTOR BTD5350MBPR Datasheet HTML 10Page - BASIC SEMICONDUCTOR BTD5350MBPR Datasheet HTML 11Page - BASIC SEMICONDUCTOR BTD5350MBPR Datasheet HTML 12Page - BASIC SEMICONDUCTOR BTD5350MBPR Datasheet HTML 13Page - BASIC SEMICONDUCTOR BTD5350MBPR Datasheet HTML 14Page - BASIC SEMICONDUCTOR BTD5350MBPR Datasheet HTML 15Page - BASIC SEMICONDUCTOR BTD5350MBPR Datasheet HTML 16Page - BASIC SEMICONDUCTOR BTD5350MBPR Datasheet HTML 17Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
www.basicsemi.com
13/19
Rev.0.3
Single-ChannelIsolatedGateDriver
BTD5350x
10.Applications
The following sections introduce the basic typical application of BASiC driver ICs, which is for reference only. In practical
application, users need to verify and test its applicability according to their own design requirements to confirm the sys-
tem functions.
10.1TypicalApplications
BASiC recommends that customers add a RC filter with a small time constant at the input port to filter out high-fre-
quency interference without adding a large delay. It is recommended that the resistance value should be be-tween 0
and 100Ω and the capacitance should be less than 1000pF. When setting this parameter, the influence between high fre-
quency interference and delay needs to be taken into account.
To ensure the supply stability, BASiC recommends to add appropriate blocking capacitor between the power supply
and ground. It is recommended to parallel a 1uF+ 0.1uF capacitor between VCC1-GND1, and a 10uF+ 0.22uF capacitor
between VCC2-VEE2 (Figure 11,12,13).
Figure11.TypicalApplicationCircuitforBTD5350M
Figure12.TypicalApplicationCircuitforBTD5350S
Figure
13.TypicalApplicationCircuitforBTD5350E
BTD5350S
BTD5350M
BTD5350E
C4
C3
15V
C2
C1
5V
PWM
RIN
CIN
VCC1
GND1
IN+
IN-
VCC2
OUTH
OUTL
VEE2
RGOFF
RGON
Signal
Emitter
Power Emitter
C4
C3
15V
C2
C1
5V
PWM
RIN
CIN
VCC1
GND1
IN+
IN-
VCC2
OUT
CLAMP
VEE2
RG
Signal
Emitter
Power Emitter
C4
C3
15V
C2
C1
5V
PWM
RIN
CIN
VCC1
GND1
IN+
IN-
VCC2
OUT
GND2
VEE2
RG
Signal
Emitter
Power Emitter
C5
C3
-8V
BTD5350S
BTD5350M
BTD5350E
C4
C3
15V
C2
C1
5V
PWM
RIN
CIN
VCC1
GND1
IN+
IN-
VCC2
OUTH
OUTL
VEE2
RGOFF
RGON
Signal
Emitter
Power Emitter
C4
C3
15V
C2
C1
5V
PWM
RIN
CIN
VCC1
GND1
IN+
IN-
VCC2
OUT
CLAMP
VEE2
RG
Signal
Emitter
Power Emitter
C4
C3
15V
C2
C1
5V
PWM
RIN
CIN
VCC1
GND1
IN+
IN-
VCC2
OUT
GND2
VEE2
RG
Signal
Emitter
Power Emitter
C5
C3
-8V
BTD5350S
BTD5350M
BTD5350E
C4
C3
15V
C2
C1
5V
PWM
RIN
CIN
VCC1
GND1
IN+
IN-
VCC2
OUTH
OUTL
VEE2
RGOFF
RGON
Signal
Emitter
Power Emitter
C4
C3
15V
C2
C1
5V
PWM
RIN
CIN
VCC1
GND1
IN+
IN-
VCC2
OUT
CLAMP
VEE2
RG
Signal
Emitter
Power Emitter
C4
C3
15V
C2
C1
5V
PWM
RIN
CIN
VCC1
GND1
IN+
IN-
VCC2
OUT
GND2
VEE2
RG
Signal
Emitter
Power Emitter
C5
C3
-8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com