Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTD5350MBPR Datasheet(PDF) 11 Page - BASIC SEMICONDUCTOR

Part # BTD5350MBPR
Description  Single-Channel Isolated Gate Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD5350MBPR Datasheet(HTML) 11 Page - BASIC SEMICONDUCTOR

Back Button BTD5350MBPR Datasheet HTML 7Page - BASIC SEMICONDUCTOR BTD5350MBPR Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD5350MBPR Datasheet HTML 9Page - BASIC SEMICONDUCTOR BTD5350MBPR Datasheet HTML 10Page - BASIC SEMICONDUCTOR BTD5350MBPR Datasheet HTML 11Page - BASIC SEMICONDUCTOR BTD5350MBPR Datasheet HTML 12Page - BASIC SEMICONDUCTOR BTD5350MBPR Datasheet HTML 13Page - BASIC SEMICONDUCTOR BTD5350MBPR Datasheet HTML 14Page - BASIC SEMICONDUCTOR BTD5350MBPR Datasheet HTML 15Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
www.basicsemi.com
11/19
Rev.0.3
Single-ChannelIsolatedGateDriver
BTD5350x
In order to prevent the output port voltage from overvoltage/overcurrent damage when the positive secondary-side
power supply voltage VCC2 becomes lower than the negative secondary-side power supply voltage VEE2, due to gate
oscillation on output terminals, the 5350M version is designed with a Miller clamp on the output port to effectively
suppress oscillations. However, to ensure the normal operation of the drive circuit, BASiC recommends to use Schottky
diodes at the gate to clamp the positive and negative power supplies respectively.
Figure8.OutputStage
9.4ProtectionFunctions
9.4.1UndervoltageLockout
The BTD5350x has undervoltage lockout (UVLO) function on the primary-side power supply and the secondary-side total
supply voltage to prevent the gate drive voltage from being insufficient. When the supply voltage drops below UVLO
threshold, the ASIC turns off the output to protect the power devices. When the supply voltage reaches the positive-going
negative-going threshold, the ASIC resumes the output. To prevent repeated action near the UVLO threshold, the ASIC
is configured with hysteresis. In order to avoid the uncertainty of the output state after power-on, the ASIC first enters an
UVLO state after power-on, keeps the output off until the supply voltage is established and then starts normal operation (see
Figure 9).
Figure9.UVLOFunctions
9.4.2MillerClamp
The active Miller clamp function is used to prevent the power devices from false turn-on of the power switched cause by
the Miller current. A low impedance path is added between the gate terminal and ground (VEE2) to sink the Miller cur-
rent. The Miller clamp function clamps the gate voltage of the power device to less than 2V when the output is in the off
state.
VEE2
OUTH
VCC2
Level Shifting and
Control Logic
OUTL
UVLO2
ROH
RNMOS
ROL
IN+
VCC1
VCC2
VOUT
tUVLO1-rec
VON1
VOFF1
IN+
VCC1
VCC2
VOUT
tUVLO2-rec
VON2
VOFF2
IN+
VCC1
VCC2
VOUT
tUVLO1-rec
VON1
VOFF1
IN+
VCC1
VCC2
VOUT
tUVLO2-rec
VON2
VOFF2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com