Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI0128WSN Datasheet(PDF) 4 Page - AMI SEMICONDUCTOR

Part # PI0128WSN
Description  50-mm-Pitch Wide Aperture Spectroscopic Photodiode Arrays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI0128WSN Datasheet(HTML) 4 Page - AMI SEMICONDUCTOR

  PI0128WSN Datasheet HTML 1Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 2Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 3Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 4Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 5Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 6Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 7Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 8Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PI0128WSN, PI0256WSN, PI0512WSN
Engineering Data Sheet
Page 4 of 8
Revised March 21, 2002
video signal output, the end-of-scan signal, the two
temperature diodes, and the supply biases. QOUT
must be biased externally to Vbias (see Recom-
mended Operating Conditions section below). Each
temperature diode is operated with a small constant
current that forward-biases its PN junction. By meas-
uring the forward-bias voltage, one can track the silicon
die temperature. The temperature diodes may be
disabled by connecting their anodes to VSS. These
I/Os are listed with their acronym designators and
functional descriptions in the following Table 1.
Table 1. Symbols and functions and I/O pins.
Symbol
Function and Description
VSS
Ground.
VDD
+5.0 Volts.
START
Start Pulse: Input to start the line scan.
CLK
Clock Pulse: Input to clock the shift register.
EOS
End Of Scan: Output from the shift register to indicate the completion of one
line scan.
QOUT
Video Charge Output: Output from the photodiodes pixels.
TD1
Temperature Diode 1: Anode of temperature diode 1.
TD2
Temperature Diode 2: Anode of temperature diode 2.
NC
No Connection



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com