Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI0128WSN Datasheet(PDF) 7 Page - AMI SEMICONDUCTOR

Part # PI0128WSN
Description  50-mm-Pitch Wide Aperture Spectroscopic Photodiode Arrays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI0128WSN Datasheet(HTML) 7 Page - AMI SEMICONDUCTOR

  PI0128WSN Datasheet HTML 1Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 2Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 3Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 4Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 5Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 6Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 7Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 8Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PI0128WSN, PI0256WSN, PI0512WSN
Engineering Data Sheet
Page 7 of 8
Revised March 21, 2002
Electro-Optical Characteristics
The following table lists the electro-optical characteristics.
Table 4. Electro-optical characteristics at 25 oC.
Parameters
Symbol
Min
Typical
Max
Units
Center-to-center spacing
50
µm
Aperture width
2500
µm
Pixel area
A
1.25x10-3
cm2
Fill factor 1
FF
86
%
Quantum efficiency 1,2
QE
70
%
Responsivity 1,2
R
3.5´10-4
C/J/cm2
Nonuniformity of response 3
2
5
+/-%
Saturation exposure 2
Esat
160
185
nJ/cm2
Saturation charge 4
Qsat
55
65
pC
Average dark current 5
0.2
0.6
pA
Spectral response peak
l
600
nm
Spectral response range 6
180 – 1000
nm
Notes:
1. Fill factor, quantum efficiency, and responsivity are related by the equation R = (qel/hc).QE.FF.A, where qe is the
charge of an electron and hc/l is the energy of a photon at a given wavelength. Responsivity is therefore given per
pixel.
2. At wavelength of 575 nm (yellow-green) and with no window.
3. Measured at 50% Vsat with an incandescent tungsten lamp filtered with an Schott KG-1 heat-absorbing filter.
4. Saturation charge specified for a video output bias of 4.5 volts.
5. Max dark leakage £ 1.5 x average dark leakage measured with an integration period of 500 ms at 25oC.
6. From 250-1000 nm, responsivity ³ 20% of its peak value.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com