Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI0128WSN Datasheet(PDF) 6 Page - AMI SEMICONDUCTOR

Part # PI0128WSN
Description  50-mm-Pitch Wide Aperture Spectroscopic Photodiode Arrays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI0128WSN Datasheet(HTML) 6 Page - AMI SEMICONDUCTOR

  PI0128WSN Datasheet HTML 1Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 2Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 3Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 4Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 5Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 6Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 7Page - AMI SEMICONDUCTOR PI0128WSN Datasheet HTML 8Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PI0128WSN, PI0256WSN, PI0512WSN
Engineering Data Sheet
Page 6 of 8
Revised March 21, 2002
Recommended Operating Conditions
The following table lists the recommended operating conditions.
Table 3. Recommended operating conditions at 25 oC.
Parameters
Symbol
Min
Typical
Max
Units
Power supply
VDD
4.5
5.0
5.5
Volts
Input clock pulses high level 1
Vih
VDD – 0.8
VDD
VDD
Volts
Input clock pulse low level 1
Vil
0.0
0.0
0.8
Volts
Video charge output external bias
Vbias
VDD – 0.5
VDD – 0.5
VDD
Volts
Clock frequency
Fclk
0.1
1.5 (128WSN)
1.5 (256WSN)
1.0 (512WSN)
MHz
Integration time 2
Tint
0.09 (128WSN)
0.18 (256WSN)
0.52 (512WSN)
9000
ms
Notes:
1. Applies to all control-clock inputs.
2. Integration time is specified at room temperature such that the maximum dark current charge build up in each pixel is
less than 10% of the minimum saturation charge. Accordingly, it may be as long as 9 seconds at room temperature.
Longer integration times may be achieved by cooling the device. An appropriate clock frequency must be chosen so
that the shift register completes its operation within the desired integration time.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com