Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM330BX Datasheet(PDF) 52 Page - STMicroelectronics

Part # ISM330BX
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 48Page - STMicroelectronics ISM330BX Datasheet HTML 49Page - STMicroelectronics ISM330BX Datasheet HTML 50Page - STMicroelectronics ISM330BX Datasheet HTML 51Page - STMicroelectronics ISM330BX Datasheet HTML 52Page - STMicroelectronics ISM330BX Datasheet HTML 53Page - STMicroelectronics ISM330BX Datasheet HTML 54Page - STMicroelectronics ISM330BX Datasheet HTML 55Page - STMicroelectronics ISM330BX Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 150 page
background image
9
Register description
The device contains a set of registers which are used to control its behavior and to retrieve linear acceleration,
angular rate, temperature and Qvar data. The register addresses, made up of 7 bits, are used to identify them and
to write the data through the serial interface.
9.1
FUNC_CFG_ACCESS (01h)
Enable embedded functions register (R/W)
Table 25. FUNC_CFG_ACCESS register
EMB_FUNC_
REG_ACCESS
0(1)
0(1)
0(1)
FSM_WR_
CTRL_EN
SW_POR
0(1)
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 26. FUNC_CFG_ACCESS register description
EMB_FUNC_REG_ACCESS
Enables access to the embedded functions configuration registers. (1)
Default value: 0
FSM_WR_CTRL_EN
Enables the control of the CTRL registers to FSM (FSM can change some configurations of the
device autonomously). Default value: 0
(0: disabled; 1: enabled)
SW_POR
Global reset of the device. Default value: 0
1. Details concerning the embedded functions configuration registers are available in Section 10: Embedded functions register
mapping and Section 11: Embedded functions register description.
9.2
PIN_CTRL (02h)
WCLK and SDO pin pull-up register (R/W). This register is not reset during the software reset procedure (see bit 0
of the CTRL3 (12h) register).
Table 27. PIN_CTRL register
TDM_WCLK
_PU_DIS
SDO_
PU_EN
IBHR_
POR_EN
0(1)
0(1)
0(1)
1(2)
1(2)
1. This bit must be set to 0 for the correct operation of the device.
2. This bit must be set to 1 for the correct operation of the device.
Table 28. PIN_CTRL register description
TDM_WCLK_PU_DIS
Disables pull-up on WCLK pin. Default value: 0
(0: WCLK pin with pull-up; 1: WCLK pin pull-up disconnected)
SDO_PU_EN
Enables pull-up on SDO pin. Default value: 0
(0: SDO pin pull-up disconnected;
1: SDO pin with pull-up)
IBHR_POR_EN
Selects the action the device performs after "reset whole chip" I3C pattern. Default value: 1
(0: configuration reset (software reset + dynamic address reset);
(1: global reset (POR reset))
ISM330BX
Register description
DS14588 - Rev 2
page 52/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com