Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM330BX Datasheet(PDF) 13 Page - STMicroelectronics

Part # ISM330BX
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 9Page - STMicroelectronics ISM330BX Datasheet HTML 10Page - STMicroelectronics ISM330BX Datasheet HTML 11Page - STMicroelectronics ISM330BX Datasheet HTML 12Page - STMicroelectronics ISM330BX Datasheet HTML 13Page - STMicroelectronics ISM330BX Datasheet HTML 14Page - STMicroelectronics ISM330BX Datasheet HTML 15Page - STMicroelectronics ISM330BX Datasheet HTML 16Page - STMicroelectronics ISM330BX Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 150 page
background image
Symbol Parameter
Test conditions
Min.(1)
Typ.(2)
Max.(1)
Unit
RMS
Accelerometer RMS noise in low-power mode(10)
LPM2
mg RMS
2.1
LPM3
1.4
LA_ODR Linear acceleration output data rate
1.875(11)
7.5
15
30
60
120
240
480
960
1.92 k
3.84 k
Hz
G_ODR Angular rate output data rate
7.5
15
30
60
120
240
480
960
1.92 k
3.84 k
LA_F0
Accelerometer resonant frequency
X,Y-axis
2.8
kHz
Z-axis
2.2
LA_BW
Signal bandwidth
SPI/I²C/I3C interface
±3 dB point
High-performance mode
1.8
kHz
TDM interface
±3 dB point
1
Vst
Linear acceleration self-test output change(12)(13)
20
1700
mg
Angular rate self-test output change(14)
FS = ±250 dps
20
80
dps
FS = ±2000 dps
150
700
dps
Top
Operating temperature range
-40
+85
°C
1. Min/Max values are based on characterization results at 3σ on a limited number of samples, not tested in production and not guaranteed.
2. Typical specifications are not guaranteed.
3. Sensitivity values after factory calibration test and trimming.
4. Value after calibration.
5. Measurements are performed in a uniform temperature setup and they are based on characterization data in a limited number of samples.
Not measured during final test for production.
6. Gyroscope rate noise density in high-performance mode is independent of the ODR and FS setting. Gyroscope noise density is computed
starting from measured noise RMS and considering BW = ODR/2.
7. Gyroscope RMS noise in low-power mode is independent of the ODR and FS setting.
8. Accelerometer noise density in high-performance mode is independent of the selected ODR and FS. Accelerometer noise density is
computed starting from measured noise RMS and considering BW = ODR/2.
9. Noise density is between 10 Hz and 1 kHz.
ISM330BX
Module specifications
DS14588 - Rev 2
page 13/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com