Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM330BX Datasheet(PDF) 41 Page - STMicroelectronics

Part # ISM330BX
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 37Page - STMicroelectronics ISM330BX Datasheet HTML 38Page - STMicroelectronics ISM330BX Datasheet HTML 39Page - STMicroelectronics ISM330BX Datasheet HTML 40Page - STMicroelectronics ISM330BX Datasheet HTML 41Page - STMicroelectronics ISM330BX Datasheet HTML 42Page - STMicroelectronics ISM330BX Datasheet HTML 43Page - STMicroelectronics ISM330BX Datasheet HTML 44Page - STMicroelectronics ISM330BX Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 150 page
background image
6.7.2
Block diagrams of the gyroscope filters
In the ISM330BX, the gyroscope filtering chain depends on the mode configuration:
•
Mode 1 (for user interface (UI) functionality through primary interface) and mode 2
Figure 27. Gyroscope digital chain - mode 1 (UI) and mode 2
ADC
LPF1_G_EN
Digital
LP Filter
LPF1_G_BW_[2:0]
LPF1
0
1
SPI / I2C /
MIPI I3C
FIFO
Digital
LP Filter
ODR_G_[3:0]
LPF2
(1)
FSM /
MLC
®
1. The LPF1 filter is available in high-performance mode only. If the gyroscope is configured in low-power mode,
the LPF1 filter is bypassed.
In this configuration, the gyroscope ODR is selectable from 7.5 Hz up to 3.84 kHz. A low-pass filter (LPF1) is
available, for more details about the filter characteristics see Table 62. Gyroscope LPF1 + LPF2 bandwidth
selection.
The digital LPF2 filter's cutoff frequency depends on the selected gyroscope ODR, as indicated in the following
table.
Table 22. Gyroscope LPF2 bandwidth selection
Gyroscope ODR [Hz]
LPF2 cutoff [Hz]
7.5
3.4
15
6.6
30
13.0
60
24.6
120
49
240
96
480
187
960
342
1.92 kHz
490
3.84 kHz
527
Note:
Data can be acquired from the output registers and FIFO over the primary I²C/MIPI I3C®/SPI interface.
ISM330BX
Functionality
DS14588 - Rev 2
page 41/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com