Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM330BX Datasheet(PDF) 119 Page - STMicroelectronics

Part # ISM330BX
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX Datasheet(HTML) 119 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 115Page - STMicroelectronics ISM330BX Datasheet HTML 116Page - STMicroelectronics ISM330BX Datasheet HTML 117Page - STMicroelectronics ISM330BX Datasheet HTML 118Page - STMicroelectronics ISM330BX Datasheet HTML 119Page - STMicroelectronics ISM330BX Datasheet HTML 120Page - STMicroelectronics ISM330BX Datasheet HTML 121Page - STMicroelectronics ISM330BX Datasheet HTML 122Page - STMicroelectronics ISM330BX Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 150 page
background image
11.30
SFLP_ODR (5Eh)
Sensor fusion low-power output data rate configuration register (R/W)
Table 247. SFLP_ODR register
0(1)
1(2)
SFLP_GAME
_ODR_2
SFLP_GAME
_ODR_1
SFLP_GAME
_ODR_0
0(1)
1(2)
1(2)
1. This bit must be set to 0 for the correct operation of the device.
2. This bit must be set to 1 for the correct operation of the device.
Table 248. SFLP_ODR register description
SFLP_GAME_ODR_[2:0]
ODR configuration of the SFLP game algorithm:
(000: 15 Hz;
001: 30 Hz;
010: 60 Hz;
011: 120 Hz (default);
100: 240 Hz;
101: 480 Hz)
11.31
FSM_ODR (5Fh)
Finite state machine output data rate configuration register (R/W)
Table 249. FSM_ODR register
0(1)
1(2)
FSM_ODR_2 FSM_ODR_1 FSM_ODR_0
0(1)
1(2)
1(2)
1. This bit must be set to 0 for the correct operation of the device.
2. This bit must be set to 1 for the correct operation of the device.
Table 250. FSM_ODR register description
FSM_ODR_[2:0]
Finite state machine ODR configuration:
(000: 15 Hz;
001: 30 Hz (default);
010: 60 Hz;
011: 120 Hz;
100: 240 Hz;
101: 480 Hz;
110: 960 Hz)
ISM330BX
Embedded functions register description
DS14588 - Rev 2
page 119/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com