Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1-32/I2/SVB Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # P1-32/I2/SVB
Description  Main�switch,�housing,�3p,�32A,�handle�red�yellow,�lockable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P1-32/I2/SVB Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  P1-32/I2/SVB Datasheet HTML 1Page - Eaton All Rights Reserved. P1-32/I2/SVB Datasheet HTML 2Page - Eaton All Rights Reserved. P1-32/I2/SVB Datasheet HTML 3Page - Eaton All Rights Reserved. P1-32/I2/SVB Datasheet HTML 4Page - Eaton All Rights Reserved. P1-32/I2/SVB Datasheet HTML 5Page - Eaton All Rights Reserved. P1-32/I2/SVB Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
02/26/2015
207314 - HPL-ED2014 V9.0 EN
1 / 6
Main￿switch,￿+housing,￿3p,￿32A,￿handle￿red￿yellow,￿lockable
Part￿no. 
P1-32/I2/SVB
Article￿no. 
207314
 
Delivery￿programme
Product range
 
 
Main switch
maintenance switch
Repair switch
Part group reference
 
 
P1
Emergency STOP
 
 
Emergency-Stop function
 
 
 
With red rotary handle and yellow locking ring
Notes
 
 
auxiliary contact or neutral conductor fitted by user
Number of poles
 
 
3 pole
Auxiliary￿contacts
 
 
 
 
 
N/O
0
 
 
N/C
0
Locking facility
 
 
Lockable in the 0 (Off) position
Degree of Protection
 
 
IP65
 
 
 
Design
 
 
surface mounting
 
 
 
Contact sequence
 
 
Function
 
 
Motor￿rating￿AC-23A,￿50￿-￿60￿Hz
 
 
 
400 V
P
kW
15
Rated uninterrupted current
Iu
A
32
Technical￿data
General
Standards
 
 
IEC/EN 60947, VDE 0660, IEC/EN 60204, CSA, UL
Switch-disconnector according to IEC/EN 60947-3
Climatic proofing
 
 
Damp heat, constant, to IEC 60068-2-78
Damp heat, cyclic, to IEC 60068-2-30
Ambient temperature
 
°C
 


Similar Part No. - P1-32/I2/SVB

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
P1-32/I2/SVB/N EATON-P1-32/I2/SVB/N Datasheet
331Kb / 6P
Main switch, 3 pole N, 32 A, Emergency-Stop function, Lockable in the 0 (Off) position, surface mounting
03/18/2016
More results

Similar Description - P1-32/I2/SVB

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VBF2GE SCHNEIDER-VBF2GE Datasheet
124Kb / 3P
TeSys Vario enclosed, main switch disconnector, 32A, IP65
Jul 12, 2021
VLSH2S5R SCHNEIDER-VLSH2S5R Datasheet
179Kb / 2P
Disconnect switch, TeSys VLS, protruding rotary handle, screw mounting, 65x65mm, red handle, 5mm shaft
Jul 18, 2021
VLSH2H5R SCHNEIDER-VLSH2H5R Datasheet
183Kb / 2P
Disconnect switch, TeSys VLS, protruding rotary handle, hole mounting, 65x65mm, red handle, 5mm shaft
Jul 18, 2021
VLSH1S5R SCHNEIDER-VLSH1S5R Datasheet
191Kb / 2P
Disconnect switch, TeSys VLS, recessed rotary handle, screw mounting, 65x65mm, red handle, 5mm shaft
Jul 18, 2021
LK4AH120CN SCHNEIDER-LK4AH120CN Datasheet
113Kb / 2P
LK switch Handle 30??00A - NEMA 1,3R,12 - red/yellow
Jul 19, 2021
KCD1MH SCHNEIDER-KCD1MH Datasheet
138Kb / 2P
operating head 60 x 60 mm - yellow color - red handle - O-I
Feb 10, 2022
VBF2GE SCHNEIDER-VBF2GE_V01 Datasheet
137Kb / 3P
TeSys Vario enclosed, main switch disconnector, 32A, IP65
Jun 13, 2022
VLSH1S5R SCHNEIDER-VLSH1S5R_V01 Datasheet
203Kb / 2P
Disconnect switch, TeSys VLS, recessed rotary handle, screw mounting, 65x65mm, red handle, 5mm shaft
Jun 27, 2022
logo
Eaton All Rights Reserv...
NZM1-XDV EATON-NZM1-XDV Datasheet
240Kb / 3P
Rotary handle, lockable, size 1
T0-1-102 EATON-T0-1-102 Datasheet
198Kb / 6P
Main switch, T0, 20 A, flush mounting, 1 contact unit(s), 2 pole, Emergency switching off function, With red rotary handle and yellow locking ring, Lockable in the 0 (Off) position
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com