Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1-32/I2/SVB Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # P1-32/I2/SVB
Description  Main�switch,�housing,�3p,�32A,�handle�red�yellow,�lockable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P1-32/I2/SVB Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  P1-32/I2/SVB Datasheet HTML 1Page - Eaton All Rights Reserved. P1-32/I2/SVB Datasheet HTML 2Page - Eaton All Rights Reserved. P1-32/I2/SVB Datasheet HTML 3Page - Eaton All Rights Reserved. P1-32/I2/SVB Datasheet HTML 4Page - Eaton All Rights Reserved. P1-32/I2/SVB Datasheet HTML 5Page - Eaton All Rights Reserved. P1-32/I2/SVB Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
02/26/2015
207314 - HPL-ED2014 V9.0 EN
3 / 6
230 V
P
kW
7.5
400 V 415 V
P
kW
15
500 V
P
kW
18.5
690 V
P
kW
15
Rated operational current motor load switch
 
 
 
230 V
Ie
A
32
400 V 415 V
Ie
A
32
500 V
Ie
A
30
690 V
Ie
A
19.8
DC
 
 
 
DC-1, Load-break switches L/R = 1 ms
 
 
 
Rated operational current
Ie
A
32
Voltage per contact pair in series
 
V
60
DC-23A, motor load switch L/R = 15 ms
 
 
 
24 V
 
 
 
Rated operational current
Ie
A
25
Contacts
 
Quantity 1
48 V
 
 
 
Rated operational current
Ie
A
25
Contacts
 
Quantity 2
60 V
 
 
 
Rated operational current
Ie
A
25
Contacts
 
Quantity 2
120 V
 
 
 
Rated operational current
Ie
A
12
Contacts
 
Quantity 3
Control circuit reliability at 24 V DC, 10 mA
Fault
probability
HF
< 10 -5, < 1 fault in 100000 operations
Terminal￿capacities
Solid or stranded
 
mm2
1 x (1,5 - 6)
2 x (1,5 - 6)
Flexible with ferrules to DIN 46228
 
mm2
1 x (1 - 4)
2 x (1 - 4)
Terminal screw
 
 
M4
Max. tightening torque
 
Nm
1.6
Technical￿safety￿parameters:
Notes
 
 
B10d values as per EN ISO 13849-1, table C1
Data￿for￿design￿verification￿according￿to￿IEC/EN￿61439
Technical data for design verification
 
 
 
Rated operational current for specified heat dissipation
In
A
32
Heat dissipation per pole, current-dependent
Pvid
W
1.8
Equipment heat dissipation, current-dependent
Pvid
W
0
Static heat dissipation, non-current-dependent
Pvs
W
0
Heat dissipation capacity
Pdiss
W
0
IEC/EN 61439 design verification
 
 
 
10.2 Strength of materials and parts
 
 
 
10.2.2 Corrosion resistance
 
 
Meets the product standard's requirements.
10.2.3.1 Verification of thermal stability of enclosures
 
 
Meets the product standard's requirements.
10.2.3.2 Verification of resistance of insulating materials to normal heat
 
 
Meets the product standard's requirements.
10.2.3.3 Verification of resistance of insulating materials to abnormal heat
and fire due to internal electric effects
 
 
Meets the product standard's requirements.
10.2.4 Resistance to ultra-violet (UV) radiation
 
 
Please enquire
10.2.5 Lifting
 
 
Does not apply, since the entire switchgear needs to be evaluated.
10.2.6 Mechanical impact
 
 
Does not apply, since the entire switchgear needs to be evaluated.
10.2.7 Inscriptions
 
 
Meets the product standard's requirements.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com