Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1-32/I2/SVB Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # P1-32/I2/SVB
Description  Main�switch,�housing,�3p,�32A,�handle�red�yellow,�lockable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P1-32/I2/SVB Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  P1-32/I2/SVB Datasheet HTML 1Page - Eaton All Rights Reserved. P1-32/I2/SVB Datasheet HTML 2Page - Eaton All Rights Reserved. P1-32/I2/SVB Datasheet HTML 3Page - Eaton All Rights Reserved. P1-32/I2/SVB Datasheet HTML 4Page - Eaton All Rights Reserved. P1-32/I2/SVB Datasheet HTML 5Page - Eaton All Rights Reserved. P1-32/I2/SVB Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
02/26/2015
207314 - HPL-ED2014 V9.0 EN
4 / 6
10.3 Degree of protection of ASSEMBLIES
 
 
Does not apply, since the entire switchgear needs to be evaluated.
10.4 Clearances and creepage distances
 
 
Meets the product standard's requirements.
10.5 Protection against electric shock
 
 
Does not apply, since the entire switchgear needs to be evaluated.
10.6 Incorporation of switching devices and components
 
 
Does not apply, since the entire switchgear needs to be evaluated.
10.7 Internal electrical circuits and connections
 
 
Is the panel builder's responsibility.
10.8 Connections for external conductors
 
 
Is the panel builder's responsibility.
10.9 Insulation properties
 
 
 
10.9.2 Power-frequency electric strength
 
 
Is the panel builder's responsibility.
10.9.3 Impulse withstand voltage
 
 
Is the panel builder's responsibility.
10.9.4 Testing of enclosures made of insulating material
 
 
Is the panel builder's responsibility.
10.10 Temperature rise
 
 
The panel builder is responsible for the temperature rise calculation. Eaton will
provide heat dissipation data for the devices.
10.11 Short-circuit rating
 
 
Is the panel builder's responsibility. The specifications for the switchgear must be
observed.
10.12 Electromagnetic compatibility
 
 
Is the panel builder's responsibility. The specifications for the switchgear must be
observed.
10.13 Mechanical function
 
 
The device meets the requirements, provided the information in the instruction
leaflet (IL) is observed.
Technical￿data￿ETIM￿5.0
Low-voltage industrial components (EG000017) / Switch disconnector (EC000216)
Electric engineering, automation, process control engineering / Low-voltage switch technology / Off-load switch, circuit breaker, control switch / Switch disconnector (ecl@ss8-27-37-14-03
[AKF060009])
Version as switch disconnector compact
 
 
Yes
Version as main switch
 
 
Yes
Version as maintenance-/service switch
 
 
Yes
Version as safety switch
 
 
No
Version as emergency stop installation
 
 
Yes
Max. rated operation voltage Ue AC
 
V
690
Rated permanent current Iu
 
A
32
Rated operation power AC-3, 400 V
 
kW
13
Rated operation power at AC-23, 400 V
 
kW
15
Conditioned rated short-circuit current Iq
 
kA
80
Number of poles
 
 
3
Number of auxiliary contacts as normally closed contact
 
 
0
Number of auxiliary contacts as normally open contact
 
 
0
Number of auxiliary contacts as change-over contact
 
 
0
Motor drive optional
 
 
No
Motor drive integrated
 
 
No
Voltage release optional
 
 
No
Device construction
 
 
Complete device in housing
Suitable for ground mounting
 
 
Yes
Suitable for front mounting
 
 
No
Suitable for front mounting center
 
 
No
Suitable for distribution board installation
 
 
No
Suitable for intermediate mounting
 
 
No
Type of control element
 
 
-
Interlockable
 
 
Yes
Connection type main current circuit
 
 
Screw connection
Degree of protection (IP), front side
 
 
IP65
Approvals
Product Standards
 
 
UL 508; CSA-C22.2 No. 14-05; CSA-C22.2 No. 94; IEC/EN 60947-3; CE marking
UL File No.
 
 
E36332
UL Category Control No.
 
 
NLRV
CSA File No.
 
 
12528
CSA Class No.
 
 
3211-05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com