Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1B Datasheet(PDF) 2 Page - ON Semiconductor

Part # S1B
Description  General-Purpose Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

S1B Datasheet(HTML) 2 Page - ON Semiconductor

  S1B Datasheet HTML 1Page - ON Semiconductor S1B Datasheet HTML 2Page - ON Semiconductor S1B Datasheet HTML 3Page - ON Semiconductor S1B Datasheet HTML 4Page - ON Semiconductor S1B Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S1A − S1M
www.onsemi.com
2
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted) (Note 1)
Symbol
Parameter
Value
Unit
S1A
S1B
S1D
S1G
S1J
S1K
S1M
VRRM
Maximum Repetitive Reverse Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Average Rectified Forward Current at
TA = 100°C
1.0
A
IFSM
Non−Repetitive Peak Forward Surge
Current 8.3 ms Single Half−Sine−Wave
30
A
TSTG
Storage Temperature Range
−55 to +150
°C
TJ
Operating Junction Temperature
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. These ratings are limiting values above which the serviceability of any semiconductor device maybe impaired.
THERMAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Note 1)
Symbol
Characteristic
Value
Unit
PD
Power Dissipation
1.4
W
RqJA
Thermal Resistance, Junction to Ambient (Note 2)
85
°C/W
RqJA
Thermal Resistance, Junction to Ambient (Note 3)
170
°C/W
ΨJL
Junction−Lead Thermal Characteristics (Note 3)
25
°C/W
2. Device mounted on FR−4 PCB, land pattern size: 25 mm2 (5 x 5 mm).
3. Device mounted on FR−4 PCB, land pattern size: 4.6375 mm2 (2.65 x 1.75 mm).
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
Forward Voltage
IF = 1.0 A
−
−
1.1
V
trr
Reverse Recovery Time
IF = 0.5 A, IR = 1.0 A
Irr = 0.25 A
−
1.8
−
ms
IR
Reverse Current at Rated VR
TA = 25°C
−
−
1.0
mA
TA = 125°C
−
−
50
CJ
Junction Capacitance
VR = 4.0 V, f = 1.0 MHz
−
6.6
−
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com