Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1B Datasheet(PDF) 3 Page - ON Semiconductor

Part # S1B
Description  General-Purpose Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

S1B Datasheet(HTML) 3 Page - ON Semiconductor

  S1B Datasheet HTML 1Page - ON Semiconductor S1B Datasheet HTML 2Page - ON Semiconductor S1B Datasheet HTML 3Page - ON Semiconductor S1B Datasheet HTML 4Page - ON Semiconductor S1B Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
S1A − S1M
www.onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. Forward Current Derating Curve
Figure 2. Forward Voltage Characteristics
Figure 3. Non−Repetitive Surge Current
Figure 4. Reverse Current vs. Reverse Voltage
Figure 5. Total Capacitance
Figure 6. Thermal Impedance Characteristics
0
1
2
0
25
50
75
100
125
150
175
0.01
0.1
1
10
100
Lead Temperature (°C)
0.6
0.8
1
1.2
1.4
1.6
1.8
VF, Forward Voltage (°C)
0
5
10
15
20
25
30
1
2
5
10
20
50
100
Number of Cycles at 60 Hz
8.3 ms Single Half Sine−Wave
JEDEC Method
0
20
40
60
80
100
120
140
0.001
0.01
0.1
1
10
100
TJ = 75°C
TJ = 25°C
TJ = 125°C
1
5
10
50
100
0.01
0.1
1
10
100
VR, Reverse Voltage (V)
TJ = 25°C
f = 1.0 MHz
Vsig = 50 mV p−p
1
5
10
50
100
0.01
0.1
1
10
100
Pulse Duration (s)
Percent of Rated Peak Reverse Voltage (%)
Units Mounted On
20” x 20” (5.4 mm2) + 0.5 mil
inches (0.013 mm)
Thick Copper Land Areas



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com