Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1B Datasheet(PDF) 1 Page - ON Semiconductor

Part # S1B
Description  General-Purpose Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

S1B Datasheet(HTML) 1 Page - ON Semiconductor

  S1B Datasheet HTML 1Page - ON Semiconductor S1B Datasheet HTML 2Page - ON Semiconductor S1B Datasheet HTML 3Page - ON Semiconductor S1B Datasheet HTML 4Page - ON Semiconductor S1B Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2001
August, 2021 − Rev. 3
1
Publication Order Number:
S1M/D
General-Purpose Rectifiers
S1A - S1M
Description
In the world of commodity rectifiers, onsemi S1 family of 1 A,
P−I−N, SMA rectifiers stand out for their optimized low leakage, low
capacitance, and fast response time. This was achieved while
maintaining the industry standard VF max of 1.1 V at 1 A and a 30 A
surge rating. In today’s world, where system power efficiency is a
critical differentiating feature, these advantages can be leveraged to
support those higher efficiency goals.
Features
• 1 AIF(AV) Current Rating
• Glass Passivated
• Low Leakage:
♦ 1
mA Maximum at 25°C
♦ 50
mA Maximum at 125°C
• Fast Response: 1.8 ms (Typical)
• 30 A Surge Rating
• 50 V to 1000 V Reverse Voltage Ratings
• 6.6 pF Typical Capacitance
• UL Certified, UL #E258596
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
ORDERING INFORMATION
Part Number
Device Code Marking
Package
Shipping†
S1A
S1A
DO−214AC (SMA)
(Pb−Free)
7500 / Tape & Reel
S1B
S1B
7500 / Tape & Reel
S1D
S1D
7500 / Tape & Reel
S1G
S1G
7500 / Tape & Reel
S1J
S1J
7500 / Tape & Reel
S1K
S1K
7500 / Tape & Reel
S1M
S1M
7500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
SMA
CASE 403AE
MARKING DIAGRAM
Z
= Assembly Plant Code
X
= Last Digit of Year of Manufacture
YY
= Weekly Code of Manufacture
DDDD
= Specific Device Code
ZXYY
DDDD
ON
Cathode
Anode
1
2
2
1


Similar Part No. - S1B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S1B PANJIT-S1B Datasheet
74Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
S1B PHILIPS-S1B Datasheet
59Kb / 12P
SMA controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
S1B SURGE-S1B Datasheet
86Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere???
logo
Transys Electronics
S1B TRSYS-S1B Datasheet
145Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Jinan Gude Electronic D...
S1B JGD-S1B Datasheet
148Kb / 2P
1.0 AMP. SURFACE MOUNT RECTIFIERS
More results

Similar Description - S1B

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
S1A FAIRCHILD-S1A Datasheet
68Kb / 3P
General Purpose Rectifiers
logo
Shindengen Electric Mfg...
LN25XB60 SHINDENGEN-LN25XB60 Datasheet
178Kb / 6P
GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY251 TAYCHIPST-BY251 Datasheet
623Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
General Purpose Rectifiers
logo
Compact Technology Corp...
GS2A CTC-GS2A Datasheet
90Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
1N5393 FAIRCHILD-1N5393_13 Datasheet
138Kb / 5P
General-Purpose Rectifiers
logo
Comchip Technology
CGR1A7-HF COMCHIP-CGR1A7-HF Datasheet
85Kb / 3P
General Purpose Rectifiers
logo
Hi-Sincerity Mocroelect...
H1N400X HSMC-H1N400X Datasheet
23Kb / 2P
General Purpose Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com