Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL375-60 Datasheet(PDF) 4 Page - Emerson Network Power

Part # PL375-60
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-60 Datasheet(HTML) 4 Page - Emerson Network Power

  PL375-60 Datasheet HTML 1Page - Emerson Network Power PL375-60 Datasheet HTML 2Page - Emerson Network Power PL375-60 Datasheet HTML 3Page - Emerson Network Power PL375-60 Datasheet HTML 4Page - Emerson Network Power PL375-60 Datasheet HTML 5Page - Emerson Network Power PL375-60 Datasheet HTML 6Page - Emerson Network Power PL375-60 Datasheet HTML 7Page - Emerson Network Power PL375-60 Datasheet HTML 8Page - Emerson Network Power PL375-60 Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
2
Trompeter offers a broad line of connectors manufactured to
meet or exceed the Mil-Specs governing twinax connectors. In
fact, Mil-PRF-49142 was created from the Trompeter concentric
twinax/triax connector design.
The following information reflects the specification requirements
for each family of connectors in both twinax and triax applications.
Use this chart to determine the proper connector type to be used
in your application, based on the environment and electrical
requirements of your design. Trompeter’s technical support team
is available to answer any specification questions you may have.
* Specifications are minimum unless otherwise stated. Trompeter connectors are designed to exceed all minimum specifications.
70 Series
80 Series
150 Series
450 Series
Characteristic Requirements
TRB/TRT
TRC/TRN
TRS/TTM
TCS
Nominal Impedance
Non-constant
Non-constant
Non-constant
Non-constant
Frequency Range
0-500 MHz
0-500 MHz
0-500 MHz
0-2 MHz
Voltage Rating (max.) @ sea level
400 VRMS
500 VRMS
400 VRMS
900 VRMS
Voltage Rating (max.) @ 70,000 ft.
100 VRMS
125 VRMS
100 VRMS
N/A
Insulation Resistance
5000 MΩ
5000 MΩ
5000 MΩ
5000 MΩ
Dielectric Withstanding Voltage
1200 VRMS
1500 VRMS
1200 VRMS
900 VAC
(between center cond. & inter. cond.)
Dielectric Withstanding Voltage
500 VRMS
500 VRMS
500 VRMS
900 VAC
(between inter. cond. & outer cond.)
RF High Potential Withstanding Voltage
800 VRMS
1000 VRMS
500 VRMS
900 VAC @ 60 Hz
(between center cond. & inter. cond.)
RF High Potential Withstanding Voltage
200 VRMS
350 VRMS
125 VRMS
N/A
(between inter. & outer cond.)
@ 5-7.5 MHz
@ 5-7.5 MHz
Specifications continued on page 3...
MIL-Spec Triax
Series
Trompeter
Connector
Series
Bayonet Typi-
cal Lug Count
Available
Threaded
Gender
Equivalent Coax
Series
TRB
70
3
Yes
Normal
BNC
TRC
80
2
Yes
Reverse
N
TRS
150
3
Yes
Normal
M-BNC
1553
450
3
Yes
Either
n/a
The following is the latest list from the
MIL-STD-1553B supply:
Trompeter Number:
PL75-47
PL375C-201
PL75C-201
PL155AC-201
PL3155AC-201
PL155AC-201
PL155AC-201
PL3455ACS-201
PL455ACP-201
MIL-STD-1553B Data Bus General Specifications Guide
Twinax/Triax Connectors / Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com