Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL375-60 Datasheet(PDF) 21 Page - Emerson Network Power

Part # PL375-60
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-60 Datasheet(HTML) 21 Page - Emerson Network Power

Back Button PL375-60 Datasheet HTML 17Page - Emerson Network Power PL375-60 Datasheet HTML 18Page - Emerson Network Power PL375-60 Datasheet HTML 19Page - Emerson Network Power PL375-60 Datasheet HTML 20Page - Emerson Network Power PL375-60 Datasheet HTML 21Page - Emerson Network Power PL375-60 Datasheet HTML 22Page - Emerson Network Power PL375-60 Datasheet HTML 23Page - Emerson Network Power PL375-60 Datasheet HTML 24Page - Emerson Network Power PL375-60 Datasheet HTML 25Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
19
Mounting Hole: D4.125
.295 DIA
.308
1.055
.5625-28UN-2A
.687 HEX NUT
SOLDER POT ACCEPTS
.034 MAX DIA CONDUCTOR
BJ158 Shown
Mounting Hole: D5.190/D4.190 (Threaded)
BJ153 Shown
Mounting Hole: D9.116
BJ157 Shown
(Hermetically sealed version
available, pg.16)
Mounting Hole: D6.187
BJ157F Shown
(S) = Comes with Stainless Steel Phillips #3-56 Pan Head Screws
Maximum Panel Thickness .187
BJ154AC Shown
Mounting Hole: D9.116
“D” mounting holes see page 54.
BJ152 Shown
Mounting Hole: D9.208
BJ150 Shown
Mounting Hole: D4.250
.437 HEX
.375 HEX NUT
ACCEPTS
.034 MAX DIA
CONDUCTOR
.3125-32UNEF-2A
.750
.402
.093 DIA HOLE
1.050
.500
TYP
B
TYP
.485
1.050
.090
.300
DIA
MAX
TYP
SOLDER POT
ACCEPTS .026 DIA
CONDUCTOR
MTG HOLES SEE BELOW
A
.101
.500 HEX NUT
.4375-28UNEF-2A
SOLDER POT
ACCEPTS
.034 DIA
CONDUCTOR
.140 DIA THRU
1.049
.818
.892
.500 HEX
1.070
.375-32UNEF-2A
.437 HEX NUT
.620
.580
.688 HEX NUT
.030
SHRINKABLE
STRAIN RELIEF
SHRINKABLE
SEALING SLEEVE (LONG)
.750
DIA
1.289
.155
.688 HEX
.5625-28UNEF-2A
.760
.580
1.070
Twinax/Triax Connectors / Subminiature Jacks & Plugs
150/3150 Series TRS/TTM
Twinax/Triax Connectors / Subminiature Bulkhead Jacks
150/3150 Series, TRS/TTM
Front Mount Bulkhead Jack
Rear Mount, Solder Pot
3-Lug................................................. BJ157
4-Lug.............................................. BJ157FL
Threaded......................................... BJ3157
Feed-Through Jack
3-Lug................................................. BJ158
4-Lug.............................................. BJ158FL
Threaded......................................... BJ3158
Bulkhead Jack
Rear Mount, Solder Pot
3-Lug................................................. BJ150
4-Lug.............................................. BJ150FL
Threaded......................................... BJ3150
Bulkhead Jacks
Flange Mount, Solder Pot
3-Lug......................................... BJ157F
4-Lug...................................... BJ157FFL
Threaded................................. BJ3157F
Insulated Bulkhead Jack
Front Mount, Solder Pot
3-Lug................................................. BJ152
4-Lug.............................................. BJ152FL
Threaded......................................... BJ3152
Hole Configuration
# of Holes/Type-Dimension
A Dim= .425
2/Clear - .103” Diameter
-2C(S)
2/Threaded - .099-56UNF-UB
-2T(S)
B Dim= .687
4/Clear - .103” Diameter
-4C(S)
4/Threaded - .099-56UNF-UB
-4T(S)
Insulated Bulkhead Jack
Rear Mount, Tool Crimp
3-Lug...................................... BJ154AC-
4-Lug.................................. BJ154ACFL-
Threaded.............................. BJ3154AC-
Insulated Feed-Through Jack
3-Lug................................................. BJ153
4-Lug.............................................. BJ153FL
Threaded......................................... BJ3153
Refer to Cable Group Tables, pages 74-91.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com