Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL375-60 Datasheet(PDF) 2 Page - Emerson Network Power

Part # PL375-60
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-60 Datasheet(HTML) 2 Page - Emerson Network Power

  PL375-60 Datasheet HTML 1Page - Emerson Network Power PL375-60 Datasheet HTML 2Page - Emerson Network Power PL375-60 Datasheet HTML 3Page - Emerson Network Power PL375-60 Datasheet HTML 4Page - Emerson Network Power PL375-60 Datasheet HTML 5Page - Emerson Network Power PL375-60 Datasheet HTML 6Page - Emerson Network Power PL375-60 Datasheet HTML 7Page - Emerson Network Power PL375-60 Datasheet HTML 8Page - Emerson Network Power PL375-60 Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 100 page
background image
Aim-Cambridge has a universal line of products that offer cost effective, high quality solutions for
connectivity. Our connectors are available in BNC, Type N, F Type, RCA, UHF, Mini-UHF, TNC, D-Sub
and Modular Plugs for Data/Telecom applications. In addition, we stock a wide variety of cables for
A/V, SATV, CATV, computer and LAN applications, as well as a complete line of termination tools
and structured cabling products. AIM-Cambridge promises that its product will provide you with
unmatched consistency, quality, reliability and ease of use.
Johnson designs and manufactures an industry leading line of RF coaxial connectors and adapters,
which are available in both 50 and 75 ohm versions. Johnson connectors are designed to provide the
highest quality data transmission for audio, video and data applications. The Johnson line of products
can address frequency ranges from DC to 46GHz and all sizes from Ultra-miniature interfaces (UMC),
Micro-miniature, (MCX, MMCX, SMP), Subminiature (SMA, SMB, SMK, kwiQMAte™), Medium
connectors (Type N connectors) through to large connectors (DIN7/16). The breadth of products
available within the Johnson range includes board and cable mount connectors as well as semi-rigid,
conformable, and flexible RF coaxial cables.
Midwest Microwave manufacturers passive coaxial microwave components that are known for their
precision performance and high quality that meets the precise requirements of the RF/Microwave
industry. Our broad product portfolio includes: Attenuators, Precision Adapters, Terminations, DC
Blocks, Power Dividers, Couplers, Equalizers, Phase Shifters, Connectors, Custom Cable Assemblies
and Test Cables that are designed and manufactured for both military and commercial applications.
Midwest also offers a wide variety of Qualified Product List (QPL) approved products in the M3933,
M39030 and M39012 series, as well as many DESC/DSCC approved models.
Semflex designs and manufactures low loss, flexible, microwave coaxial cable and custom cable
assemblies for the military/aerospace, commercial OEM and test instrumentation markets. Semflex
offers cables ranging from DC to 50 GHz, available with ultra low insertion loss, power ratings up to
21 KW, and available with all popular connectors.
Stratos optical connectivity products is globally recognized as highly reliable, cost-effective, and
provides optical connectivity solutions that are virtually immune to dust, mud, oil, water, and other
contaminants.
Our expanded beam connectivity products are ideal for harsh environment applications in the
broadcast, industrial, petrochemical and military/aerospace markets where high reliability, low
maintenance and quick serviceability are critical requirements. Our optical active products are used
mainly in military, aerospace and industrial markets where high speed/high reliable performance is
mission critical. The actives product line includes optical transceivers, optical media converters and
custom devices tailored to your application.
Trompeter is recognized as a global leader in delivering best in class RF connectivity products. The
Trompeter line of patch jacks, RF connectors, cable assemblies, HDTV digital technology and DS3
connectivity solutions is unrivalled. Our mission is to provide products that continually deliver the
highest quality signal integrity for the most demanding applications in Telecom, Central Office,
Broadcast, Military Aerospace, and Instrumentation markets worldwide. Our extensive line of cost-
effective products are rigorously designed and tested to provide the critically engineered solutions
necessary to enhance the end-user’s overall experience.
Vitelec provides a comprehensive range of RF coaxial interconnect products and cable assemblies.
The company has a long established reputation for offering quality and innovation with a wide range
of both standard and custom designed products for the electronic and communication industries.
Emerson Network Power Connectivity Solutions has a wide range of cable assemblies and connectors suited for RF,
Microwave and Fiber Optic signal transmission. Connectivity Solutions is a vertically integrated supplier of custom, fixed
length and semi-rigid cable assemblies from DC to 50 GHz. Our product lines deliver custom-engineered products and
solutions to satisfy the most demanding and complex requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com