Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6050D Datasheet(PDF) 2 Page - AMI SEMICONDUCTOR

Part # PI6050D
Description  Contact Image Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI6050D Datasheet(HTML) 2 Page - AMI SEMICONDUCTOR

  PI6050D Datasheet HTML 1Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 2Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 3Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 4Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 5Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 6Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 7Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 8Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PI6050D Data Sheet
_________________________________________________________________________________________
Key Features
•
600 or 1200 dots per inch (dpi) selectable resolutions
•
344 or 688 image sensor elements (pixels)
•
21.15
µm (1200dpi) pixel center-to-center spacing (47.24 dots/mm)
•
On-chip amplifier
•
Single 5.0V power supply
•
3.3V input clocks
•
3.0 MHz maximum pixel rate
•
Parallel / integrate and transfer
•
Power down circuit
•
High sensitivity
•
Low power
•
Low noise
General Description
Peripheral Imaging Corporation’s PI6050D Contact Image sensor is a selectable 600 or 1200 dot per inch (dpi)
resolution linear image sensor, which employs PIC’s proprietary CMOS Image Sensing Technology. The sensor
contains an on-chip output amplifier, power down circuitry and parallel transfer features that are uniquely
combined with the present-day active-pixel-sensor technology. The image sensors are designed to be cascaded
end-to-end on a printed circuit board (PCB) and packaged in an image sensing module. Applications for the
sensor array includes facsimiles, PC scanners, check readers, and office automation equipment.
Figure 1 is a block diagram of the sensor. Each sensor consists of 688 active pixels, their associated
multiplexing switches, buffers, and an output amplifier circuit with a power down feature. The sensors pixel-pixel
spacing is approximately 21.15
µm. The size of each sensor without the scribe lines is 14560 µm by 425 µm.
SC
and Video Line Multiplexer
CLK
SI
SIC
Parallel Transfer, Storage Cells and Readout Registers
SO
VREF
VOUT
GBST
14560µm
1
2
3
4
688
687
686
Row of 344 Pixels (600dpi)
425µm
VSS
VDD
Row of 688 Pixels (1200dpi)
342
343
344
or Selectable
21.15µm
Amplifier, Power-
Down and Offset
Control
1
2
3
4
Figure 1. Sensor Block Diagram
Page 2 of 15, PI6050D_rev A, Revised 1-31-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com