Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6050D Datasheet(PDF) 8 Page - AMI SEMICONDUCTOR

Part # PI6050D
Description  Contact Image Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI6050D Datasheet(HTML) 8 Page - AMI SEMICONDUCTOR

Back Button PI6050D Datasheet HTML 4Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 5Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 6Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 7Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 8Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 9Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 10Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 11Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 12Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PI6050D Data Sheet
_________________________________________________________________________________________
Recommended Operating Conditions
Table 3 lists the recommended operating conditions @ 25
oC.
Parameter
Symbol
Min
Typ
Max
Units
Power Supply
Vdd
4.5
5.0
5.5
V
Clock Input Voltage high level
(1)
3.1
3.3
3.5
V
Clock Input Voltage low level
(1)
0
0
0.8
V
Power Supply Current
IDD (sensor selected)
IDD (sensor not selected)
8
4
10
5
mA
mA
Reference Voltage
(2)
VREF
1.3
1.7
1.7
V
Clock Frequency
(3)
0.25
1.25
1.5
MHz
Pixel Rate
(4)
0.5
2.5
3.0
MHz
Integration Time (Line Scan Rate)
(5)
First Die
Subsequent Die
Tint
248
230
µs
µs / die
Clock Pulse Duty Cycle
(6)
50
%
Table 3. Recommended Operating Conditions @ 25
oC
Notes:
1.
Applies to all clocks; GBST, SI and CLK. The CLK line having a capacitance of approximately 20 pF.
2.
The dark level is set by the voltage on VREF and is recommended to be set externally to a voltage of 1.7V
for optimal module operation.
3.
Although the device will operate with a pixel rate of less than 500 KHz, it is recommended that the device be
operated above 500 KHz to maintain performance characteristics. Operating below 500 KHz may result in
leakage current degradation.
4.
2 pixels are clocked out for every clock cycle.
5.
Tint is the integration time of a single sensor and is the time between two Start Pulses. The minimum
integration time is the time it takes to clock out 55 inactive pixels and 688 active pixels for the 1200 dpi mode,
or 55 inactive pixels and 344 active pixels for the 600 dpi mode, at a given frequency.
However, if several sensors are cascaded together in a module then the minimum integration time for the
1200 dpi mode is the time it takes to clock out 55 inactive pixels and 688 active pixels from the first sensor
and 688 pixels from each of all subsequent sensors, at a given frequency.
Similarly, for cascaded sensors in the 600 dpi mode, the minimum integration time is the time it takes to
clock out 55 inactive pixels and 344 active pixels from the first sensor and 344 pixels from each of all
subsequent sensors, at a given frequency.
6.
The clock duty cycle is defined as the ratio of the positive duration of the clock to its period.
Page 8 of 15, PI6050D_rev A, Revised 1-31-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com