Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6050D Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # PI6050D
Description  Contact Image Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI6050D Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  PI6050D Datasheet HTML 1Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 2Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 3Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 4Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 5Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 6Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 7Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 8Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PI6050D Data Sheet
_________________________________________________________________________________________
PI6050D Unique Features
There are six unique features incorporated into the PI6050D which improve the sensor’s performance.
1.
Pixel-to-Pixel Offset Cancellation Circuit
The sensor employs a pixel-to-pixel offset cancellation circuit, which reduces the Fix Pattern Noise (FPN), and
amplifier offsets. In addition, this innovative circuit design greatly improves the optical linearity and low noise
sensitivity.
2.
Parallel Integrate, Transfer and Hold
The sensor has a parallel integrate, transfer and hold feature, which allows the sensor to be read out while
photon integration is taking place. These features are approached through the use of an integrate-and-hold cell,
located at each pixel site. Each pixel’s charge is read from its storage site as the sensor’s shift register
sequentially transfers each pixel’s charge onto a common video line.
3.
Dual Scan Initiation Inputs, GBST and SI
Each sensor has two scan initiation inputs, the Global Start Pulse (GBST) and the Start Pulse (SI), which are
compatible with standard 3.3V CMOS clocks. These clocks help to reduce the sensor-to-sensor transition Fix
Pattern Noise by initializing and preprocessing all sensors simultaneously before they start their readout scan.
The internal shift register starts the scan after GBST is clocked in on the falling edge of the Clock input (CLK).
The Start Input Control (SIC) selects the first sensor in a sequence of cascaded sensors to operate with 55 clock
cycles of delay by connecting it to Vdd and to Ground for all subsequent sensors. Then, only the first sensor
clocks out 110 inactive pixels (55 clocks cycles) before accessing its first active pixel. During these 55 clock
cycles, the first sensor and all of the subsequent cascaded sensors cycle through their pre-scan initialization
process. After initialization, only the first sensor starts its read cycle with its first-active pixel appearing on the 56
th
clock cycle. The second and subsequent sensors await the entry of their Start Pulse (SI). Furthermore, the first
sensor’s Start Pulse (SI) is left unconnected, while the subsequent sensors all have their Start Pulse’s (SI)
connected to the SO of their respective preceding sensor. The external scan Start Pulse (SI) is connected to all
of the sensors' Global Start Pulse (GBST) inputs.
For example in the 1200 dpi mode, when the first sensor completes its scan, its End-Of-Scan (SO) appears on
the falling edge of 389
th clock cycle after the entry of GBST and 20 pixels before its last pixel, in order to have a
continuous pixel readout between sensors in a module. This SO enters as the SI clock of the second and
subsequent sensors; hence all subsequent sensors will start their register scan after each of the preceding
sensors completes its scan.
4.
Power Saving
Each sensor incorporates a power-saving feature such that each chips amplifier is only turned on when its pixels
are ready to be read out.
5.
Common Reference Voltage between Cascaded Sensors
Each sensor has an input/output bias control (VREF), which serves as an offset voltage reference. Each bias
control pad is connected to an internal bias source and tied to its own amplifier’s reference bias input. In
operation, these pads on every sensor are connected together. Each sensor then “shares” the same bias level to
maintain a constant bias among all of the sensors.
6.
Selectable Resolutions of 600 dpi or 1200 dpi
The Switch Control input (SC) is connected to Ground or to Vdd to set the sensor to operate in the 600 dpi or
1200 dpi mode, respectively. In the 1200 dpi mode, all 688 pixels are clocked out, whereas in the 600 dpi mode,
pixels 1 and 2 are combined, 3 and 4 are combined and so on up to pixels 687 and 688 being combined. One
half of the pixel amplifiers and one half of the scanning register are then disabled. As a result, sensitivity in the
600 dpi mode will be twice that of the 1200 dpi mode. The 600 dpi readout time will be approximately half of the
1200 dpi readout time. Unlike a CCD array, both the 600 dpi and 1200 dpi arrays can operate with the same
clock frequency.
Page 3 of 15, PI6050D_rev A, Revised 1-31-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com