Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC055N15NM6 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # ISC055N15NM6
Description  MOSFET OptiMOS™ 6 Power‑Transistor, 150 V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC055N15NM6 Datasheet(HTML) 1 Page - Infineon Technologies AG

  ISC055N15NM6 Datasheet HTML 1Page - Infineon Technologies AG ISC055N15NM6 Datasheet HTML 2Page - Infineon Technologies AG ISC055N15NM6 Datasheet HTML 3Page - Infineon Technologies AG ISC055N15NM6 Datasheet HTML 4Page - Infineon Technologies AG ISC055N15NM6 Datasheet HTML 5Page - Infineon Technologies AG ISC055N15NM6 Datasheet HTML 6Page - Infineon Technologies AG ISC055N15NM6 Datasheet HTML 7Page - Infineon Technologies AG ISC055N15NM6 Datasheet HTML 8Page - Infineon Technologies AG ISC055N15NM6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Datasheet
1
Revision 2.0
https://www.infineon.com
2024‑04‑16
MOSFET
OptiMOS™ 6 Power‑Transistor, 150 V
Features
Product validation
Fully qualified according to JEDEC for Industrial Applications
Table 1        Key Performance Parameters
Parameter
Value
Unit
V
150
V
R
5.5
mΩ
I
130
A
Q
130
nC
Q
43
nC
Q  (500 A/μs)
105
nC
PG‑TDSON‑8 FL
Type/Ordering Code
Package
Marking
Related Links
ISC055N15NM6
PG‑TDSON‑8
055N15N6
‑
N‑channel, normal level
• 
Very low on‑resistance R
• 
DS(on)
Superior thermal resistance
• 
100% avalanche tested
• 
Pb‑free lead plating; RoHS compliant
• 
Halogen‑free according to IEC61249‑2‑21
• 
MSL 1 classified according to J‑STD‑020
• 
DS
DS(on),max
D
oss
G
rr
 
 
Public
ISC055N15NM6
Final datasheet
Pin 1
2
3
4
4
3
2
1
5
6
7
8
5
6
7
8
Drain
Pin 5-8
Gate
Pin 4
Source
Pin 1-3
*1
*1: Internal body diode


Similar Part No. - ISC055N15NM6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC052N03LF2S INFINEON-ISC052N03LF2S Datasheet
1Mb / 14P
MOSFET StrongIRFET™ 2 Power‑Transistor, 30 V
Revision 1.1 2024-11-25
ISC058N04NM5 INFINEON-ISC058N04NM5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 40 V
Rev.2.1,2020-03-23
More results

Similar Description - ISC055N15NM6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISP14EP15LM INFINEON-ISP14EP15LM Datasheet
1Mb / 11P
OptiMOS Power-Transistor,-150 V
Rev.2.0, 2021-05-10
IAUA250N04S6N005 INFINEON-IAUA250N04S6N005 Datasheet
786Kb / 12P
Automotive MOSFET OptiMOS™ 6 Power-Transistor
Rev. 1.0 2022-01-24
IAUA250N04S6N008 INFINEON-IAUA250N04S6N008 Datasheet
823Kb / 12P
Automotive MOSFET OptiMOS™ 6 Power-Transistor
Rev. 1.0 2022-01-24
ISC012N04NM6 INFINEON-ISC012N04NM6 Datasheet
1Mb / 12P
OptiMOS™ 6 Power-Transistor, 40 V
Rev. 2.0, 2021-11-09
IAUC120N04S6N013 INFINEON-IAUC120N04S6N013 Datasheet
672Kb / 9P
OptiMOS™- 6 Power-Transistor
Rev. 1.0 2019-04-01
IAUC60N04S6N044 INFINEON-IAUC60N04S6N044 Datasheet
670Kb / 9P
OptiMOS™- 6 Power-Transistor
Rev. 1.0 2019-04-01
IAUCN04S6N007T INFINEON-IAUCN04S6N007T Datasheet
1Mb / 12P
Automotive MOSFET OptiMOS™ 6 Power-Transistor
Rev 1.1 2023-08-10
IAUCN04S6N009T INFINEON-IAUCN04S6N009T Datasheet
1Mb / 12P
Automotive MOSFET OptiMOS™ 6 Power-Transistor
Rev 1.1 2023-08-21
IAUCN04S6N013T INFINEON-IAUCN04S6N013T Datasheet
1Mb / 12P
Automotive MOSFET OptiMOS™ 6 Power-Transistor
Rev. 1.1 2023-08-21
IAUCN04S6N017T INFINEON-IAUCN04S6N017T Datasheet
1Mb / 12P
Automotive MOSFET OptiMOS™ 6 Power-Transistor
Rev 1.1 2023-08-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com