Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC200 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSC200
Description  High voltage, current sense amplifier with open drain comparator and ref
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC200 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSC200 Datasheet HTML 10Page - STMicroelectronics TSC200 Datasheet HTML 11Page - STMicroelectronics TSC200 Datasheet HTML 12Page - STMicroelectronics TSC200 Datasheet HTML 13Page - STMicroelectronics TSC200 Datasheet HTML 14Page - STMicroelectronics TSC200 Datasheet HTML 15Page - STMicroelectronics TSC200 Datasheet HTML 16Page - STMicroelectronics TSC200 Datasheet HTML 17Page - STMicroelectronics TSC200 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Figure 31. Simplified diagram when Vicm < 40% VCC
+
-
D
D
D
+
-
GND
OUT
VIN+
Vcc
Vicm<40%Vcc
+2.7V to +18V
Load
R1
R1
R2
A2
A1
A3
VIN-
Reference
voltage 0.6V
CMPOUT
CMPIN
RESET
+
-
Ir
Ir
Ir
Ir
ILoad
Vsense
12.5kΩ
5kΩ
V2
When the input common-mode voltage is lower than 40% of the Vcc, this time the amplifier A1 is active. A Iload
current flowing into the shunt generates Vsense, a small differential voltage between input pins of the TSC20x.
Due to the A1 amplifier, a current Ir, equal to Vsense/5kΩ, flows through the input pin IN-. This Ir current is
recopied from a precision current mirror whose output is directed into R2, converting the signal back into a voltage
V2 as described by equation 1, and then amplified by the A3 amplifier as described by equation 2.
The input bias current of IN- is composed of the supply current of the input stage (roughly 30 µA), as well as the
Ir. The value of Ir is directly linked to the sensing voltage Vsense.
Figure 32 shows the sum of bias current into the input pins.
Figure 32. Input bias current vs. Vsense for a Vicm = -16 V
0
100
200
300
400
500
600
0
100
200
300
400
500
600
-200
-150
-100
-50
0
-200
-150
-100
-50
0
Iibp
Vcc=12V
Vicm=-16V
T=25°C
Iibn
Vsense (mV)
In mode 2 the accuracy might be slightly lower than in mode 1 as described by Figure 9. That difference is
principally due to the current Ir recopy.
TSC200, TSC201, TSC202
Theory of operation
DS13882 - Rev 2
page 14/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com