Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC200 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSC200
Description  High voltage, current sense amplifier with open drain comparator and ref
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC200 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSC200 Datasheet HTML 11Page - STMicroelectronics TSC200 Datasheet HTML 12Page - STMicroelectronics TSC200 Datasheet HTML 13Page - STMicroelectronics TSC200 Datasheet HTML 14Page - STMicroelectronics TSC200 Datasheet HTML 15Page - STMicroelectronics TSC200 Datasheet HTML 16Page - STMicroelectronics TSC200 Datasheet HTML 17Page - STMicroelectronics TSC200 Datasheet HTML 18Page - STMicroelectronics TSC200 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
Mode 3: Vsense < 20 mV over the Vicm range
The TSC20x has not been designed to measure extremely low current, or rather low input differential voltage.
When the voltage across the shunt resistor becomes lower than 20 mV, a larger than normal offset can appear.
For example, for the TSC200, an output voltage Vout = 0.4 V max can be measured while the Vsense = 0 V, which
leads to output errors higher than expected.
As seen in the previous chapter, the way the TSC20x family works is to transform a small differential input Vsense
into a proportional current Ir, and then amplify it through the internal resistance R2.
But when the Vsense voltage is too low, the Ir current becomes very low as well and the transconductance of the
transistor becomes very low, as a consequence of a loss of precision for Vsense < 20 mV.
Figure 33 and Figure 34 describe the output voltage distribution of a large amount of TSC200 samples when the
differential input voltage Vsense = 0 V, for a input common voltage Vicm = 0 V and Vicm = 12 V.
Figure 33. VOUT when Vsense = 0 V, VCC = 5 V, Vicm = 0 V
T=25°C
Vcc=5V,
Vicm=0V
Output Voltage (mV)
Figure 34. VOUT when Vsense = 0 V, VCC = 5 V, Vicm = 12 V
T=25°C
Vcc=5V,
Vicm=12V
Output Voltage (mV)
Vicm = 40% VCC
The transition Vicm = 40% VCC is the most sensitive one as it is a transition between the A1 and A2 amplifiers.
While the architecture has been optimized to smooth this transition, a change in Vio can be observed at this step,
as demonstrated in Figure 35.
Figure 35. Input voltage offset over Vicm and temperature
-10
0
10
20
30
40
50
60
70
80
0
20
40
60
80
-300
-200
-100
0
100
200
300
400
500
-200
0
200
400
T=25°C
T=125°C
Vcc=12V
T=-40°C
Transition at Vicm = 40% Vcc
Vicm (V)
TSC200, TSC201, TSC202
Theory of operation
DS13882 - Rev 2
page 15/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com