Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC200 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSC200
Description  High voltage, current sense amplifier with open drain comparator and ref
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC200 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSC200 Datasheet HTML 16Page - STMicroelectronics TSC200 Datasheet HTML 17Page - STMicroelectronics TSC200 Datasheet HTML 18Page - STMicroelectronics TSC200 Datasheet HTML 19Page - STMicroelectronics TSC200 Datasheet HTML 20Page - STMicroelectronics TSC200 Datasheet HTML 21Page - STMicroelectronics TSC200 Datasheet HTML 22Page - STMicroelectronics TSC200 Datasheet HTML 23Page - STMicroelectronics TSC200 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Figure 38. Startup time schematic
+
-
OUT
VIN+
Vcc
12 V
VIN-
Reference
voltage 0.6V
CMPOUT
RESET
-
+
CMPIN
GND
Vcc
5 V
Rp = 5.1 k Ω
Rs = 10 m Ω
Cd = 100 nF
Figure 39. Startup time with a decoupling capacitance of
100 nF
0
100µ
200µ
300µ
400µ
500µ
600µ
0
100µ
200µ
300µ
400µ
500µ
600µ
-3
-2
-1
0
1
2
3
4
5
6
-2
0
2
4
6
Vcc
Vsense=70mV,
Vcc=5V, Vicm=12V,
T=25°C
Comparator Output
Time (s)
Current sensing Output
5.9
PCB layout recommendations
Particular attention must be paid to the layout of the PCB tracks connected to the current sensing, load, and
power supply. It is good practice to use short and wide PCB traces to minimize voltage drops and parasitic
inductance.
When using a shunt resistance lower than 1 Ω, it is important to use a 4-wire connection technique to sense the
current as described in the schematic below. Effectively, this technique allows pairs of current-carrying and
voltage-sensing electrodes to separate, and to take more accurate measurements by eliminating the lead and
contact resistance from the measurements.
It is also important to treat the track connected to the input pin of the TSC20x as a differential pair. Thus, it must
have the same length and width, and ideally be placed on the same PCB plane, and above all, it must be routed
as far as possible from noisy sources. As this track carries the input bias current in a range of tens of µA, it can be
designed small, but always taking into account resistivity. Any via in these input tracks are non-recommended to
avoid any parasitic resistance in this path.
To minimize parasitic impedance over the entire surface, a multi-via technique that connects the bottom and top
layer ground planes together in many locations is often used.
A ground plane generally helps to reduce EMI, which is why it is generally recommended to use a multilayer PCB,
and use the ground planes as a shield to protect the internal track. In this case, pay attention to separate the
digital from the analog ground and avoid any ground loop. To minimize EMI impact, it is important to reduce loop
areas, which act as antennas.
Figure 40 suggests a possible routing for the TSC200, to minimize as much as possible a parasitic effect.
TSC200, TSC201, TSC202
PCB layout recommendations
DS13882 - Rev 2
page 20/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com