Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

64PR1KLF Datasheet(PDF) 1 Page - Bi technologies

Part # 64PR1KLF
Description  1/4 Square Multiturn Cermet Trimming Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

64PR1KLF Datasheet(HTML) 1 Page - Bi technologies

  64PR1KLF Datasheet HTML 1Page - Bi technologies 64PR1KLF Datasheet HTML 2Page - Bi technologies 64PR1KLF Datasheet HTML 3Page - Bi technologies 64PR1KLF Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
1-35
Model 64
ELECTRICAL
Standard Resistance Range, Ohms
10 to 1Meg
Standard Resistance Tolerance
±10%
Input Voltage, Maximum
200Vdc or rms not to exceed power rating
Slider Current, Maximum
100mA or within rated power, whichever is less
Power Rating, Watts
0.25 at 85°C derating to 0 at 150°C
End Resistance, Maximum
2 Ohms
Actual Electrical Travel, Turns, Nominal
12
Dielectric Strength
900Vrms
Insulation Resistance, Minimum
1,000 Megohms
Resolution
Essentially infinite
Contact Resistance Variation, Maximum
1% or 1 Ohms, whichever is greater
ENVIRONMENTAL
Seal
85°C Fluorinert® (No Leaks)
Temperature Coefficient, Maximum
±100ppm/°C
Operating Temperature Range
–65°C to +150°C
Thermal Shock
5 cycles, –65°C to +150°C (1%
∆RT, 1% ∆VR)
Moisture Resistance
Ten 24 hour cycles (1%
∆RT, IR 1,000 Megohms Min.)
Shock, 6ms Sawtooth
100G’s (1%
∆RT, 1% ∆VR)
Vibration
20G’s, 10 to 2,000 Hz (1%
∆RT, 1% ∆VR)
High Temperature Exposure
250 hours at 125°C (2%
∆RT, 2% ∆VR)
Rotational Life
200 cycles (2%
∆RT)
Load Life at 0.5 Watts
1,000 hours at 85°C (2%
∆RT)
Resistance to Solder Heat
260°C for 10 sec. (1%
∆RT)
MECHANICAL
Mechanical Stops
Clutch action, both ends
Torque, Starting Maximum
3 oz.-in. (0.021 N-m)
Weight, Nominal
.014 oz. (0.40 grams)
MODEL 64
1/4” Square
Multiturn
Cermet Trimming
Potentiometer
Fluorinert® is a registered trademark of 3M Company.
Specifications subject to change without notice.


Similar Part No. - 64PR1KLF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
64PR1KLF TTELEC-64PR1KLF Datasheet
1Mb / 5P
Multi-Turn Trimmer
Issue C 04/2019
More results

Similar Description - 64PR1KLF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
66PR10KLF BITECH-66PR10KLF Datasheet
63Kb / 5P
3/8 Square Multiturn Cermet Trimming Potentiometer
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
3/8 Square Multiturn Cermet Trimming Potentiometer
68PR10KLF BITECH-68PR10KLF Datasheet
61Kb / 4P
3/8 Square Multiturn Cermet Trimming Potentiometer
84PR10KLF BITECH-84PR10KLF Datasheet
57Kb / 3P
1/4 Square Multiturn Surface Mount Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
67XR10K ETC-67XR10K Datasheet
380Kb / 3P
3/8??Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
67WR2K BITECH-67WR2K Datasheet
474Kb / 3P
3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
68XR500LF ETC2-68XR500LF Datasheet
272Kb / 3P
3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
84PR10KLFTR BITECH-84PR10KLFTR_12 Datasheet
63Kb / 3P
1/4 Square Multiturn Surface Mount Cermet Trimming Potentiometer
78PBWR10KLF BITECH-78PBWR10KLF_12 Datasheet
69Kb / 4P
1-1/4 Rectangular Multiturn Cermet Trimming Potentiometer
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
1/4 Square Multiturn Cermet Trimming Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com