Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

64PR1KLF Datasheet(PDF) 4 Page - Bi technologies

Part # 64PR1KLF
Description  1/4 Square Multiturn Cermet Trimming Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

64PR1KLF Datasheet(HTML) 4 Page - Bi technologies

  64PR1KLF Datasheet HTML 1Page - Bi technologies 64PR1KLF Datasheet HTML 2Page - Bi technologies 64PR1KLF Datasheet HTML 3Page - Bi technologies 64PR1KLF Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1-38
Model 64
PACKAGING
ORDERING INFORMATION
64 P R 10K LF
Model Series
Pin Style
RoHS Compliant Product Code - Optional
Resistance Value
Resistance Prefix
64 Y F R 10K LF XX
Pin Style
Pin Style Suffix
(Used with AP & TR packaging options.
"F" designates 0.6" min. lead length.)
Packaging Option
AP = Ammo pack
TR = Tape & Reel
(No code used for tubes)
RoHS Compliant Product Code - Optional
Standard:
Option:
Standard:
Tubes
All units oriented with #1 pin to same side.
Pin Style
P,W,Y
X,Z
Magazine
Width
=
0.38” (9.65 mm)
0.38” (9.65 mm)
Height
=
0.62” (15.75mm)
0.62” (15.75mm)
Length
=
14.5” (368 mm)
16.9” (429 mm)
Capacity
=
50 Units
50 Units
Option:
Tape & Reel, Ammo Pack (Available only for 64Y and 64Z)
All units oriented with #1 pin to the right of the direction of feed.
Seat Plane to
Centerline of
Sprocket Hole
=
.71” (18 mm)
Tape
Width
=
18 mm
Sprocket
=
Single Hole .50” spacing
Capacity
=
1,000 Units
Reel
Diameter
=
14” (363 mm)
Ammo
Tape Fold
=
12”
Box
=
1.8” x 13” x 10”
(46mm x 330mm x 254mm)
Metric equivalents, based on 1 inch = 25.4mm are
rounded to the same number of significant figures
as in the original. English units and are provided for
general information only.
Tolerances unless otherwise specified:
Linear = ± .01 inches (.25mm)
Angular = ± 2 degrees
CIRCUIT DIAGRAM
(1)
(2)
(3)
CW
NOTES
mm
INCH



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com