Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

64PR1KLF Datasheet(PDF) 2 Page - Bi technologies

Part # 64PR1KLF
Description  1/4 Square Multiturn Cermet Trimming Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

64PR1KLF Datasheet(HTML) 2 Page - Bi technologies

  64PR1KLF Datasheet HTML 1Page - Bi technologies 64PR1KLF Datasheet HTML 2Page - Bi technologies 64PR1KLF Datasheet HTML 3Page - Bi technologies 64PR1KLF Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
.10
2.54
.02
0.51
.10
2.54
.10
2.54
CL
Schematic Diagram
This Surface
Model 64W
Model 64
1-36
TOP ADJUSTMENT (Inch/mm)
.070
± .005
1.78
± 0.13
.020
0.51
.050
.040
1.02
1.27
.040
1.02
.020
0.51
.172
4.37
.270
± .020
6.86
± 0.51
Ø.018
± .002
0.46
± .05
.020
0.51
.165
± .020
4.19
± 0.51
.250
± .020
6.35
± .0.51
Metal Adjustment Screw
Dia. With Slot
Wide x
Standard Marking
On This Surface
Min.
Min.
12
3
Terminal Pins (3)
Solderable
Min.
Min. Deep
Model 64W and 64Y
.10
2.54
.092
2.34
.10
2.54
CL
Model 64Y
STANDARD RESISTANCE VALUES, OHMS
10
100
1K
10K
50K
250K
20
200
2K
20K
100K
500K
50
500
5K
25K
200K
1Meg
Note: Model 64W dimensions applicable to all models except as noted.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com