Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-49 Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # DER-49
Description  3W Non-Isolated Buck-Boost Converter using LNK305P
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-49 Datasheet(HTML) 5 Page - Power Integrations, Inc.

  DER-49 Datasheet HTML 1Page - Power Integrations, Inc. DER-49 Datasheet HTML 2Page - Power Integrations, Inc. DER-49 Datasheet HTML 3Page - Power Integrations, Inc. DER-49 Datasheet HTML 4Page - Power Integrations, Inc. DER-49 Datasheet HTML 5Page - Power Integrations, Inc. DER-49 Datasheet HTML 6Page - Power Integrations, Inc. DER-49 Datasheet HTML 7Page - Power Integrations, Inc. DER-49 Datasheet HTML 8Page - Power Integrations, Inc. DER-49 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DER-49
-12V/3W, Non-Isolated Buck-Boost Converter
April 20, 2005
Page 5 of 17
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
3
Schematic
L1
2.2mH
J4
1
R3
12k 1%
RF2
47/3W
J1
1
J3
1
D1
1N4007
+
C1
10uF/400V
+
C4
10uF/50V
RF1
47/3W
R2
3.3k
NEUTRAL
J2
1
108 - 265VAC
50/60Hz
LINE
+
C2
10uF/400V
C3
100uF/25V
-12V @
250mA
U1
LNK305P
D3
MUR160
C5
0.1uF
L2
1500uH
R4
2.05k 1%
D2
1N4005GP
* RF2 not used
Figure 2 –Schematic.
4
Circuit Description
The circuit shown in Figure 2 is a non-isolated buck-boost (inverting) topology. The input
voltage range is 108 to 265VAC 50/60Hz and provides a regulated –12V at 250mA. The
buck-boost topology is essentially the non-isolated version of the Flyback Converter, in that
the transformer is replaced with a single low cost inductor (L2).
RF1 is a fusible link resistor. The input AC is half-wave rectified and filtered by D1 and C1.
C1, L1 and C2 form a pi-filter network to reduce common-mode emissions imposed to the
input line, this in conjunction with the built-in frequency jitter of the LinkSwitch-TN (U1)
ensure sufficient conducted EMI margins. U1, D2 and L2 form the buck-boost switching cell,
which converts the rectified bulk positive DC voltage on C2 into a negative voltage on C3
(w/r/t Neutral/GND). D2 samples the output voltage onto C4 as a positive voltage with
respect to the source of U1. The EN pin of U1 is internally set to 1.65V (w/r/t pins 1,2, 7 and
8) this in conjunction with resistors R3 and R4 form a simple voltage divider to precisely set
the output voltage to the desired level. C5 is a bypass capacitor that serves as high
frequency decoupling and energy storage. This capacitor provides power to the IC as well as
controls the auto-restart mechanism in the LinkSwitch-TN. Resistor R2 serves to reduce
peak charging effects on C3 which tend to increase the output voltage, its static power
dissipation is limited to less than 30mW. Without this additional resistor the standby power
consumption would be less than 100mW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com