Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-49 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # DER-49
Description  3W Non-Isolated Buck-Boost Converter using LNK305P
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-49 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button DER-49 Datasheet HTML 9Page - Power Integrations, Inc. DER-49 Datasheet HTML 10Page - Power Integrations, Inc. DER-49 Datasheet HTML 11Page - Power Integrations, Inc. DER-49 Datasheet HTML 12Page - Power Integrations, Inc. DER-49 Datasheet HTML 13Page - Power Integrations, Inc. DER-49 Datasheet HTML 14Page - Power Integrations, Inc. DER-49 Datasheet HTML 15Page - Power Integrations, Inc. DER-49 Datasheet HTML 16Page - Power Integrations, Inc. DER-49 Datasheet HTML 17Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
DER-49
-12V/3W, Non-Isolated Buck-Boost Converter
April 20, 2005
Page 17 of 17
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
For the latest updates, visit our Web site: www.powerint.com
Power Integrations may make changes to its products at any time. Power Integrations has no liability arising from your use
of any information, device or circuit described herein nor does it convey any license under its patent rights or the rights of
others.
POWER INTEGRATIONS MAKES NO WARRANTIES HEREIN AND SPECIFICALLY DISCLAIMS ALL
WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS
FOR A PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS.
PATENT INFORMATION
The products and applications illustrated herein (including circuits external to the products and transformer construction)
may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications
assigned to Power Integrations. A complete list of Power Integrations’ patents may be found at www.powerint.com.
The PI Logo,
TOPSwitch, TinySwitch, LinkSwitch, and EcoSmart are registered trademarks of Power
Integrations.
PI Expert and DPA-Switch are trademarks of Power Integrations.
© Copyright 2004, Power Integrations.
Power Integrations Worldwide Sales Support Locations
WORLD HEADQUARTERS
5245 Hellyer Avenue,
San Jose, CA 95138, USA
Main:
+1-408-414-9200
Customer Service:
Phone:
+1-408-414-9665
Fax:
+1-408-414-9765
e-mail:
usasales@powerint.com
GERMANY
Rueckertstrasse 3,
D-80336, Munich, Germany
Phone:
+49-895-527-3910
Fax:
+49-895-527-3920
e-mail: eurosales@powerint.com
JAPAN
Keihin-Tatemono 1st Bldg.
12-20 Shin-Yokohama,
2-Chome,
Kohoku-ku, Yokohama-shi,
Kanagawa 222-0033, Japan
Phone:
+81-45-471-1021
Fax:
+81-45-471-3717
e-mail:
japansales@powerint.com
TAIWAN
17F-3, No. 510,
Chung Hsiao E. Rd., Sec. 5,
Taipei, Taiwan 110, R.O.C.
Phone:
+886-2-2727-1221
Fax:
+886-2-2727-1223
e-mail:
taiwansales@powerint.com
CHINA (SHANGHAI)
Rm 807, Pacheer,
Commercial Centre,
555 Nanjing West Road,
Shanghai, 200041, China
Phone:
+86-21-6215-5548
Fax:
+86-21-6215-2468
e-mail:
chinasales@powerint.com
INDIA (TECHNICAL SUPPORT)
Innovatech
261/A, Ground Floor
7th Main, 17th Cross,
Sadashivanagar
Bangalore, India, 560080
Phone:
+91-80-5113-8020
Fax:
+91-80-5113-8023
e-mail: indiasales@powerint.com
KOREA
8th Floor, DongSung Bldg.
17-8 Yoido-dong,
Youngdeungpo-gu,
Seoul, 150-874, Korea
Phone:
+82-2-782-2840
Fax:
+82-2-782-4427
e-mail:
koreasales@powerint.com
UK (EUROPE & AFRICA
HEADQUARTERS)
1st Floor, St. James’s House
East Street
Farnham, Surrey GU9 7TJ
United Kingdom
Phone:
+44-1252-730-140
Fax:
+44-1252-727-689
e-mail: eurosales@powerint.com
CHINA (SHENZHEN)
Rm# 1705, Bao Hua Bldg.
1016 Hua Qiang Bei Lu,
Shenzhen, Guangdong,
518031, China
Phone:
+86-755-8367-5143
Fax:
+86-755-8377-9610
e-mail:
chinasales@powerint.com
ITALY
Via Vittorio Veneto 12, Bresso,
Milano,
20091, Italy
Phone: +39-028-928-6001
Fax:
+39-028-928-6009
e-mail: eurosales@powerint.com
SINGAPORE
51 Newton Road,
#15-08/10 Goldhill Plaza,
Singapore, 308900
Phone:
+65-6358-2160
Fax:
+65-6358-2015
e-mail:
singaporesales@powerint.co
m
APPLICATIONS HOTLINE
World Wide +1-408-414-9660
APPLICATIONS FAX
World Wide +1-408-414-9760
ER or EPR template – Rev 3.6 – Single sided



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com