Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-49 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DER-49
Description  3W Non-Isolated Buck-Boost Converter using LNK305P
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-49 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DER-49 Datasheet HTML 1Page - Power Integrations, Inc. DER-49 Datasheet HTML 2Page - Power Integrations, Inc. DER-49 Datasheet HTML 3Page - Power Integrations, Inc. DER-49 Datasheet HTML 4Page - Power Integrations, Inc. DER-49 Datasheet HTML 5Page - Power Integrations, Inc. DER-49 Datasheet HTML 6Page - Power Integrations, Inc. DER-49 Datasheet HTML 7Page - Power Integrations, Inc. DER-49 Datasheet HTML 8Page - Power Integrations, Inc. DER-49 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DER-49
-12V/3W, Non-Isolated Buck-Boost Converter
April 20, 2005
Page 2 of 17
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Table Of Contents
1
Introduction ......................................................................................................................3
2
Power Supply Specification..............................................................................................4
3
Schematic ........................................................................................................................5
4
Circuit Description ............................................................................................................5
5
PCB Layout......................................................................................................................6
6
Bill Of Materials ................................................................................................................7
7
Performance Data ............................................................................................................8
7.1
Efficiency...................................................................................................................8
7.2
No-load Input Power .................................................................................................8
7.3
Regulation.................................................................................................................9
7.3.1
Load...................................................................................................................9
7.3.2
Line ....................................................................................................................9
8
Waveforms.....................................................................................................................10
8.1
Source Voltage and Current, Normal Operation .....................................................10
8.2
Output Voltage Start-up Profile ...............................................................................10
8.3
Load Transient Response (75% to 100% Load Step) .............................................11
8.4
Output Ripple Measurements .................................................................................12
8.4.1
Ripple Measurement Technique ......................................................................12
8.4.2
Measurement Results ......................................................................................13
9
Conducted EMI ..............................................................................................................14
10
Revision History..........................................................................................................15
Important Note:
Although this board is designed to satisfy safety requirements, the engineering prototype has
not been agency approved. In addition, as the output is not electrically isolated from the
input, all testing should be performed using an isolation transformer to provide the AC line
input to the prototype board.
Design Reports contain a power supply design specification, schematic, bill of materials, and
transformer documentation. Performance data and typical operation characteristics are
included. Typically only a single prototype has been built.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com