Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3602 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA3602
Description  Multiple output voltage regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3602 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA3602 Datasheet HTML 4Page - NXP Semiconductors TDA3602 Datasheet HTML 5Page - NXP Semiconductors TDA3602 Datasheet HTML 6Page - NXP Semiconductors TDA3602 Datasheet HTML 7Page - NXP Semiconductors TDA3602 Datasheet HTML 8Page - NXP Semiconductors TDA3602 Datasheet HTML 9Page - NXP Semiconductors TDA3602 Datasheet HTML 10Page - NXP Semiconductors TDA3602 Datasheet HTML 11Page - NXP Semiconductors TDA3602 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
July 1994
8
Philips Semiconductors
Product specification
Multiple output voltage regulator
TDA3602
Reset output
VOL
LOW level output voltage
IOL = 0
0
0.2
0.8
V
VOH
HIGH level output voltage
2.0
5.0
5.25
V
IOL
LOW level output current
VOL ≤ 0.8 V
0.3
0.8
−
mA
IOH
HIGH level output current
VOH > 3 V
−0.3
−2.0
−
mA
Hold output
VOL
LOW level output voltage
IOL = 0
0
0.2
0.8
V
VOH
HIGH level output voltage
2.0
5.0
5.25
V
IOL
LOW level output current
VOL ≤ 0.8 V; note 3
0.3
1.0
−
mA
IOH
HIGH level output current
VOH > 3 V
−1.5
−9.0
−
mA
Regulator 1 (IREG1 = 5 mA unless otherwise specified)
VREG1
output voltage off
Vsc > 2.1 V
−
1
400
mV
VREG1
output voltage
0.5 V
≤ IREG1 ≤ 250 mA
8.2
8.5
8.8
V
10 V
≤ VP ≤ 18 V
8.2
8.5
8.8
V
∆VREG1
line regulation
10 V
≤ VP ≤ 18 V
−−
50
mV
∆VREGL1 load regulation
0.5 mA
≤ IREG1 ≤ 250 mA
−−
50
mV
SVRR1
supply voltage ripple rejection
f = 200 Hz; 2 V (p-p)
60
−−
dB
VREGd1
drop-out voltage
IREG1 = 250 mA
−−
0.4
V
IREGm1
current limit
VREG1 > 7 V; note 4
0.4
−
1.2
A
IREGsc1
short-circuit current
RL ≤ 0.5 Ω; note 4
−
250
−
mA
Regulator 2 (IREG2 = 10 mA unless otherwise specified)
VREG2
output voltage off
Vsc >2.1 V
−
1
400
mV
VREG2
output voltage
0.5 V
≤ IREG2 ≤ 140 mA
4.8
5.0
5.2
V
8 V
≤ VP ≤ 18 V
4.8
5.0
5.2
V
∆VREG2
line regulation
8 V
≤ VP ≤ 18 V
−−
50
mV
∆VREGL2 load regulation
0.5 mA
≤ IREG2 ≤ 140 mA
−−
50
mV
SVRR2
supply voltage ripple rejection
f = 200 Hz; 2 V (p-p)
60
−−
dB
VREGd2
drop-out voltage
IREG2 = 140 mA
−
1.2
−
V
IREGm2
current limit
VREG2 > 4.5 V; note 4
200
−
600
mA
IREGsc2
short-circuit current
RL ≤ 0.5 Ω; note 4
−
130
−
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com