Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3602 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA3602
Description  Multiple output voltage regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3602 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA3602 Datasheet HTML 1Page - NXP Semiconductors TDA3602 Datasheet HTML 2Page - NXP Semiconductors TDA3602 Datasheet HTML 3Page - NXP Semiconductors TDA3602 Datasheet HTML 4Page - NXP Semiconductors TDA3602 Datasheet HTML 5Page - NXP Semiconductors TDA3602 Datasheet HTML 6Page - NXP Semiconductors TDA3602 Datasheet HTML 7Page - NXP Semiconductors TDA3602 Datasheet HTML 8Page - NXP Semiconductors TDA3602 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
July 1994
2
Philips Semiconductors
Product specification
Multiple output voltage regulator
TDA3602
FEATURES
• Two VP state controlled regulators (REG1 and REG2)
• Regulator 3 operates during load dump or thermal
shutdown
• Multi-function control pin
• A back-up circuit for Regulator 3 via a single capacitor
• Supply voltage of −6 V to 50 V (a voltage of −3 V on VP
does not discharge capacitor Cbu)
• Low reverse current Regulator 3
• Low quiescent current in coma mode
• HOLD output
• RESET output (LOW at load dump)
• High ripple rejection.
PROTECTIONS
• Foldback current limit protection (Regulators 1 and 2)
• Load dump protection
• Thermal protection
• DC short-circuit safe to ground and VP of all regulator
outputs
• Reverse polarity safe of pin 1 (VP). No high currents are
flowing which can damage the IC
• Capable of handling high energy on the regulator
outputs.
GENERAL DESCRIPTION
The TDA3602 is a multiple output voltage regulator,
intended for use in car radios with or without a
microprocessor. It contains two fixed voltage regulators
with foldback current protection (Regulators 1 and 2), and
one fixed voltage regulator that also operates during load
dump and thermal shutdown. This regulator can be used
to supply a microprocessor.
A back-up circuit supplies Regulator 3 during a short
period after the power is cut off (negative field decay or
engine start procedure). A state control pin (pin 4) controls
the device, which can be switched through four stages
using the information at this pin. The switching levels at
this pin contain hysteresis.
RESET and HOLD outputs can be used to interface with a
microprocessor. The RESET signal can be used to call up
or initialize a microprocessor (power-on reset). The HOLD
signal can be used to control the power stages (mute
signal in a low end application), or to generate a HOLD
interrupt (microprocessor application).
An internal Zener diode on the back-up pin allows this pin
to withstand a load dump when supplied by the pin using a
100
Ω series resistor.
The supply pin can withstand load dump pulses and
negative supply voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com