Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3602 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA3602
Description  Multiple output voltage regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3602 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA3602 Datasheet HTML 17Page - NXP Semiconductors TDA3602 Datasheet HTML 18Page - NXP Semiconductors TDA3602 Datasheet HTML 19Page - NXP Semiconductors TDA3602 Datasheet HTML 20Page - NXP Semiconductors TDA3602 Datasheet HTML 21Page - NXP Semiconductors TDA3602 Datasheet HTML 22Page - NXP Semiconductors TDA3602 Datasheet HTML 23Page - NXP Semiconductors TDA3602 Datasheet HTML 24Page - NXP Semiconductors TDA3602 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
July 1994
21
Philips Semiconductors
Product specification
Multiple output voltage regulator
TDA3602
handbook, full pagewidth
MSA728
START
P1, 0 ?
= 1 set disconnected
P1, 0 ?
= 1 first connection
= 0
HOLD ?
= 0
= 1
SET
FLAG ?
= 1
= 0
P0, 0 (in)
= 1
= 0
WAIT 25 ms
P0, 0 = 0 (o)
WAIT 10 ms
P0, 0 = 1 (o)
P0, 0 = 0 (o)
P0, 0 = 1 (o)
µP
POWER DOWN
STOP
SET FLAG = 1
SET ON
S
PRESSED
?
SET FLAG = 1
no
yes
RTI
set pulled out
of RETRACK
(1)
SEC FLAG = 1
hold LOW because of:
regulator fault
ignition = 0
HOLD ?
= 1
= 0
INTERUPT
HOLD = 0
P1, 0 ?
= 1
= 0
TIME OUT
= 25 ms ?
no
yes
STOP
Po, 2 = 0
SEC FLAG = 0
SET FLAG = 0
P0, 0 = 0 (o)
µP: POWER DOWN
Fig.13 Interfacing flow chart TDA3602.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com