Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3603P Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA3603P
Description  Multiple voltage regulator with switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3603P Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA3603P Datasheet HTML 4Page - NXP Semiconductors TDA3603P Datasheet HTML 5Page - NXP Semiconductors TDA3603P Datasheet HTML 6Page - NXP Semiconductors TDA3603P Datasheet HTML 7Page - NXP Semiconductors TDA3603P Datasheet HTML 8Page - NXP Semiconductors TDA3603P Datasheet HTML 9Page - NXP Semiconductors TDA3603P Datasheet HTML 10Page - NXP Semiconductors TDA3603P Datasheet HTML 11Page - NXP Semiconductors TDA3603P Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1997 Aug 15
8
Philips Semiconductors
Product specification
Multiple voltage regulator with switch
TDA3603
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
operating
−
25
V
jump start
t
≤ 10 minutes
−
30
V
load dump protection
during 50 ms; tr ≥ 2.5 ms
−
50
V
VP
reverse battery voltage
non-operating
−−18
V
Vppi
positive pulse voltage at ignition buffer
VP = 14.4 V; RI =1kΩ−
50
V
Vnpi
negative pulse voltage at ignition buffer VP = 14.4 V; RI =1kΩ−
−100
V
Tstg
storage temperature
non-operating
−55
+150
°C
Tvj
operating virtual junction temperature
−40
+150
°C
Ptot
total power dissipation
SOT110-1
−
10.4
W
SOT398-1
−
8.3
W
SYMBOL
TYPE NUMBER
PARAMETER
VALUE
UNIT
Rth j-c
TDA3603
thermal resistance from junction to case
12
K/W
Rth j-p
TDA3603P
thermal resistance from junction to pins
15
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com