Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3603P Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA3603P
Description  Multiple voltage regulator with switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3603P Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA3603P Datasheet HTML 9Page - NXP Semiconductors TDA3603P Datasheet HTML 10Page - NXP Semiconductors TDA3603P Datasheet HTML 11Page - NXP Semiconductors TDA3603P Datasheet HTML 12Page - NXP Semiconductors TDA3603P Datasheet HTML 13Page - NXP Semiconductors TDA3603P Datasheet HTML 14Page - NXP Semiconductors TDA3603P Datasheet HTML 15Page - NXP Semiconductors TDA3603P Datasheet HTML 16Page - NXP Semiconductors TDA3603P Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1997 Aug 15
13
Philips Semiconductors
Product specification
Multiple voltage regulator with switch
TDA3603
TEST AND APPLICATION INFORMATION
Fig.7 Test circuit (for SOT110-1).
(1) Capacitor not required for stability.
ndbook, full pagewidth
MBE232
regulator 2
regulator 1
enable input
V
ignition input
reset
output
C3
10
µF
V
C2
10
µF
C1
220 nF
C4
10
µF
C5
1
µF
ignition
output
47 k
Ω
R2
1 k
Ω
5 V
8.5 V
R L(sw)
1 k
Ω
R L(REG1)
1 k
Ω
R L(REG2)
sw
9
7
2
3
5
8
4
1
6
TDA3603
ground
P
V
R1
1 k
Ω
P
Ven
VI(ig)
(1)
Noise information
The noise at the output of the regulators depends on the
bandwidth of the regulators, which can be adjusted by the
output capacitors. Table 1 shows the noise figures.
Although stability is guaranteed when CL is higher than
10
µF (over temperature range) with tan (φ) = 1 in the
frequency range 1 to 10 kHz, however, for low noise, a
47
µF load capacitor is required. When electrolytic
capacitors are used, the capacitor value will decrease and
the ESR will increase much at low temperatures. To avoid
oscillation a normal capacitor of 220 nF can be placed in
parallel with this electrolytic capacitor.
The noise on the supply line depends on the value of the
supply capacitor and is caused by a current noise (output
noise of the regulators is translated into a current noise by
the output capacitors). When a high frequency capacitor of
220 nF with an electrolytic capacitor of 100
µF in parallel is
placed directly over pins 1 and 6 (supply and ground) the
noise is minimized.
Table 1
Noise figures
Note
1. Bandwidth of 100 kHz.
REGULATOR
NOISE (
µV)(1)
OUTPUT
CAPACITOR (
µF)
1
180
10
100
47
80
100
2
120
10
70
47
70
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com