Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3603P Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA3603P
Description  Multiple voltage regulator with switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3603P Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA3603P Datasheet HTML 1Page - NXP Semiconductors TDA3603P Datasheet HTML 2Page - NXP Semiconductors TDA3603P Datasheet HTML 3Page - NXP Semiconductors TDA3603P Datasheet HTML 4Page - NXP Semiconductors TDA3603P Datasheet HTML 5Page - NXP Semiconductors TDA3603P Datasheet HTML 6Page - NXP Semiconductors TDA3603P Datasheet HTML 7Page - NXP Semiconductors TDA3603P Datasheet HTML 8Page - NXP Semiconductors TDA3603P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1997 Aug 15
3
Philips Semiconductors
Product specification
Multiple voltage regulator with switch
TDA3603
QUICK REFERENCE DATA
Notes
1. Minimum operating voltage, only if VP has exceeded 6.5 V.
2. The drop-out voltage of regulator 1 is measured between VP and REG1.
3. The drop-out voltage of the power switch is measured between VP and Vsw.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
operating
9.75
14.4
25
V
regulator 2 on
note 1
2.4
14.4
25
V
jump start
t
≤ 10 minutes
−−
30
V
load dump protection
during 50 ms; tr ≥ 2.5 ms
−−
50
V
Iq
total quiescent current
standby mode
−
400
500
µA
Tvj
operating virtual junction temperature
−−
150
°C
Voltage regulators
VREG1
output voltage regulator 1
0.5 mA
≤ IREG1 ≤ 300 mA
8.65
9.0
9.35
V
VREG2
output voltage regulator 2
0.5 mA
≤ IREG2 ≤ 50 mA;
VP = 14.4 V
4.8
5.0
5.2
V
VREGd1
drop-out voltage regulator 1
IREG1 = 0.3 A; note 2
−−
0.5
V
Power switch
Vswd
drop-out voltage
Isw = 0.3 A; note 3
−−
0.9
V
IM
peak current
t
≤ 10 ms
1.4
−−
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com