Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X-LINUX-GNSS1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # X-LINUX-GNSS1
Description  GNSS and inertial sensors expansion board for STM32 MPU
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X-LINUX-GNSS1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button X-LINUX-GNSS1 Datasheet HTML 2Page - STMicroelectronics X-LINUX-GNSS1 Datasheet HTML 3Page - STMicroelectronics X-LINUX-GNSS1 Datasheet HTML 4Page - STMicroelectronics X-LINUX-GNSS1 Datasheet HTML 5Page - STMicroelectronics X-LINUX-GNSS1 Datasheet HTML 6Page - STMicroelectronics X-LINUX-GNSS1 Datasheet HTML 7Page - STMicroelectronics X-LINUX-GNSS1 Datasheet HTML 8Page - STMicroelectronics X-LINUX-GNSS1 Datasheet HTML 9Page - STMicroelectronics X-LINUX-GNSS1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Figure 5. X-STM32MP-GNSS1 schematic diagram (4 of 9)
ANTOFF
RF_IN
TES EO-LIV3FL_P P S
I2C_S DA
I2C_S CL
TES EO-LIV3FL_RES ET
TES EO-LIV3FL_UART_RX
TES EO-LIV3FL_UART_TX
TES EO-LIV3FL_WAKEUP
3V3
VCC_RF
3V3
VBATT
VBATT
3V3
3V3
3V3
J 7
HEADER1X3
1
2
3
S W2
C9
100nF
NM
C7
100nF
TP 4
J R2
S HUNT 2.54 mm.
C6
100nF
R28
4.7K
R30
100
TP 7
D1
S TP S 0530Z
TP 5
R27
0
J 8
con4-s trip-ma le
1
2
3
4
C10
100nF
J R1
S HUNT 2.54 mm.
C11
1uF
J 6
HEADER1X3
1
2
3
B1
MS 920S E
NM
-
2
+
1
R24
10k
R29
0
C8
100nF
NM
S W1
U2
LIV3FL
GND
1
UART-TX
2
UART-RX
3
P P S
4
RES 2
18
WAKEUP
5
VBAT
6
VCC_IO
7
VCC
8
nRES ET
9
GND_RF1
10
RF_IN
11
GND_RF2
12
AntOFF
13
VCC_RF
14
RES 1
15
I2C_S DA
16
I2C_S CL
17
TP 6
R26
0
R25
0
CON_RX
CON_TX
CON_RX
CON_TX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com