Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X-LINUX-GNSS1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # X-LINUX-GNSS1
Description  GNSS and inertial sensors expansion board for STM32 MPU
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X-LINUX-GNSS1 Datasheet(HTML) 1 Page - STMicroelectronics

  X-LINUX-GNSS1 Datasheet HTML 1Page - STMicroelectronics X-LINUX-GNSS1 Datasheet HTML 2Page - STMicroelectronics X-LINUX-GNSS1 Datasheet HTML 3Page - STMicroelectronics X-LINUX-GNSS1 Datasheet HTML 4Page - STMicroelectronics X-LINUX-GNSS1 Datasheet HTML 5Page - STMicroelectronics X-LINUX-GNSS1 Datasheet HTML 6Page - STMicroelectronics X-LINUX-GNSS1 Datasheet HTML 7Page - STMicroelectronics X-LINUX-GNSS1 Datasheet HTML 8Page - STMicroelectronics X-LINUX-GNSS1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
•
Teseo-LIV3FL GNSS Receiver
•
On board iNEMO inertial module for accelerometer and gyroscope
•
QVAR embedded pressure sensor for altitude measurement
•
Magnetometer for position accuracy
•
LEDs for PPS, power, user
•
Keys for reset, wakeup and user
•
External LNA (Low Noise Amplifier) and SAW Filter for amplification of weak
signals
•
EEPROM for automatic GPIO setup and driver setup
•
Compatible with both STM32MP157F-DK2 and Raspberry Pi’s GPIO
connector
Description
X-STM32MP-GNSS1 is an STM32 MPU expansion board with Teseo-LIV3FL module
for Low Power Multi-Constellation GNSS positioning using various sensors for data
accuracy.
The X-STM32MP-GNSS1 interfaces with the STM32MP microprocessor via 40 pin
GPIO connector pins using I2C, UART, GPIO connections for various components. It
is compatible with both STM32MP157F-DK2 and Raspberry Pi’s GPIO connector
layout.
Teseo-LIV3FL is a global navigation satellite system (GNSS) standalone Low power
module. It embeds the Teseo III positioning receiver IC working simultaneously on
multiple constellations (GPS/Galileo/Glonass/BeiDou/QZSS).
iNEMO inertial module ISM330DHCX has a full-scale acceleration range of
±2/±4/±8/±16 g and a wide angular rate range of
±125/±250/±500/±1000/±2000/±4000 dps.
QVAR Embedded ILPS22QS functions as a digital output barometer, supporting dual
full-scale up to 4060 hPa.
The IIS2MDC is a high-accuracy, ultra-low-power 3-axis digital magnetic sensor
having dynamic range up to ±50 gauss.
Product summary
Discovery kit with
STM32MP157F
MPU
STM32MP157F-
DK2
STM32 MPU
OpenSTLinux
software expansion
package for GNSS-
based applications
X-LINUX-GNSS1
Applications
Guidance and
positioning
Mobility services
GNSS and inertial sensors expansion board for STM32 MPU
X-STM32MP-GNSS1
Data brief
DB5090 - Rev 1 - October 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Description - X-LINUX-GNSS1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X-NUCLEO-IKS01A1 STMICROELECTRONICS-X-NUCLEO-IKS01A1 Datasheet
172Kb / 4P
Motion MEMS and environmental sensor expansion board for STM32 Nucleo
29-May-2015
X-NUCLEO-CCA01M1 STMICROELECTRONICS-X-NUCLEO-CCA01M1 Datasheet
386Kb / 5P
Sound terminal expansion board based on STA350BW for STM32 Nucleo
17-Nov-2015
X-NUCLEO-IKS01A2 STMICROELECTRONICS-X-NUCLEO-IKS01A2 Datasheet
870Kb / 4P
Motion MEMS and environmental sensor expansion board for STM32 Nucleo
November 2016 Rev 1
X-NUCLEO-IKS02A1 STMICROELECTRONICS-X-NUCLEO-IKS02A1 Datasheet
182Kb / 4P
Motion MEMS and microphone MEMS expansion board for STM32 Nucleo
11-Nov-2019
X-NUCLEO-GFX01M1 STMICROELECTRONICS-X-NUCLEO-GFX01M1 Datasheet
8Mb / 5P
SPI display expansion board for STM32 Nucleo
for
X-NUCLEO-IHM09M1 STMICROELECTRONICS-X-NUCLEO-IHM09M1 Datasheet
489Kb / 6P
Motor control connector expansion board for STM32 Nucleo
23-Oct-2015
X-NUCLEO-STMODA1 STMICROELECTRONICS-X-NUCLEO-STMODA1 Datasheet
8Mb / 4P
STMod connector expansion board for STM32 Nucleo
10-Apr-2018
X-CUBE-TOUCHGFX STMICROELECTRONICS-X-CUBE-TOUCHGFX Datasheet
632Kb / 5P
Ranging and gesture detection sensor expansion board based on VL53L0X for STM32 Nucleo
14-Jun-2021
X-NUCLEO-IKS01A3 STMICROELECTRONICS-X-NUCLEO-IKS01A3 Datasheet
3Mb / 4P
Motion MEMS and environmental sensor expansion board for STM32 Nucleo
June 2019
X-NUCLEO-IHM09M2 STMICROELECTRONICS-X-NUCLEO-IHM09M2 Datasheet
254Kb / 5P
Motor control connector expansion board for STM32 Nucleo
18-Jul-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com